Electronic Components Datasheet Search
  English  ▼

X  

V30D60CL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # V30D60CL
Description  Dual TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.34 V at IF = 5 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V30D60CL Datasheet(HTML) 2 Page - Vishay Siliconix

  V30D60CL Datasheet HTML 1Page - Vishay Siliconix V30D60CL Datasheet HTML 2Page - Vishay Siliconix V30D60CL Datasheet HTML 3Page - Vishay Siliconix V30D60CL Datasheet HTML 4Page - Vishay Siliconix V30D60CL Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
V30D60CL
www.vishay.com
Vishay General Semiconductor
Revision: 28-Feb-2020
2
Document Number: 89996
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: pulse width
≤ 5 ms
Notes
(1) The heat generated must be less than the thermal conductivity from junction-to-ambient: dPD/dTJ < 1/RθJA
(2) Free air, without heatsink
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics Per Diode
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage per diode
IF = 5 A
TA = 25 °C
VF (1)
0.44
-
V
IF = 7.5 A
0.47
-
IF = 15 A
0.55
0.61
IF = 5 A
TA = 125 °C
0.34
-
IF = 7.5 A
0.37
-
IF = 15 A
0.49
0.57
Reverse current per diode
VR = 60 V
TA = 25 °C
IR (2)
-4000
μA
TA = 125 °C
35
110
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V30D60CL
UNIT
Typical thermal resistance
per diode
RθJC
1.8
°C/W
per device
0.9
per device
RθJA
(1)(2)
45
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
V30D60CL-M3/I
0.55
I
2000/reel
13" diameter plastic tape and reel
V30D60CLHM3_A/I (1)
0.55
I
2000/reel
13" diameter plastic tape and reel
0
5
10
15
20
25
30
35
0
25
50
75
100
125
150
Case Temperature (°C) (D = duty cycle = 0.5)
T
A, RthJA = 45 °C/W
R
thJA = RthJC = 0.9 °C/W
0
1
2
3
4
5
6
7
8
9
10
0123456789 10 11 12 13 14 15 16 17
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 1.0
D = 0.8
T
D = t
p/T
t
p



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com