Electronic Components Datasheet Search
  English  ▼

X  

EK57 Datasheet(PDF) 1 Page - Cirrus Logic

Part # EK57
Description  EVALUATION KIT FOR MP108FD & MP111FD PINUOT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

EK57 Datasheet(HTML) 1 Page - Cirrus Logic

  EK57 Datasheet HTML 1Page - Cirrus Logic EK57 Datasheet HTML 2Page - Cirrus Logic EK57 Datasheet HTML 3Page - Cirrus Logic EK57 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
INTRODUCTION
This easy-to-use kit provides a platform for the evaluation of
linear power amplifiers circuits using the MP108FD & MP111FD
pin out. With ample bread boarding areas it is flexible enough
to analyze a multitude of standard or proprietary circuit con-
figurations. Critical connections for power supply bypassing
are pre-wired. Components not usually readily available in
engineering labs are provided. External connection to the
evaluation kit can be made via the terminal block and terminal
pads at the edges of the circuit board. The terminal pads are
suitable for soldering standard banana jacks or direct wiring
of wires. Additionally, banana jacks and a BNC connector can
be inserted into the holes at the edge of the board and wired
to the numbered terminal pads.
BEFORE YOU GET STARTED
• All Apex amplifiers should be handled using proper ESD
precautions.
• Do not change connections while the circuit is powered.
• Initially set all power supplies to the minimum operating
voltage allowed in the device data sheet.
PARTS LIST
Ref
Apex Part #
Description/Vendor
Qty
NA
HS28
Heat Sink
1
NA
HS31
Heat Sink
1
NA
MS11
Strip of 30 cage jacks
2
NA
EVAL57
PC Board
1
NA
60SPG00004
Spacer Grommets/
4
Micro Plastics
C1,4,5,6 OX7R105KWN 1uF Cap/
4
Novacap
1825B105K201N
TS1
TS02
Terminal Strip
1
C2,3
EC03
680uF 200V/
2
United Chemi-Con
KMH200VN681M25MX40T2
RLIM*
CSR18
0.050 Ohm Resistor/
1
Isotek PBV-R050-1
RLIM*
CSR19
0.100 Ohm Resistor/
1
Isotek PBV-R100-1
ASSEMBLY
During assembly refer to Figure 2 and the data sheet for
the MP108FD & MP111FD.
1. Note that each side of the circuit board is identified as either
the "component side" or "DUT side".
2. Cut the MS11 into groups of 16 and 18 cage jacks and insert
from the "DUT side" of the board. On the "component side"
of the board, solder all cage jacks having solder pads (7, 9,
10, 23, 24, 26, 29, and 31 have no solder pads). Make sure
the cage jacks are fully seated before soldering. Be careful
that solder does not flow into the cage jacks. Remove the
unsoldered cage jacks with the carrier strip segments.
3. Solder the surface mount capacitors at C1, C4, C5, and C6
on the "component side" of the board.
4. Low ohm value resistors are provided with this evaluation
kit: 0.050 ohm and 0.100 ohm. These are used to implement
current limiting in the output circuit. Select the value most
appropriate for your application. Refer to the product data
sheet to determine which resistor value you should use.
5. Mount the HS28 heat sink to the PCB and solder the mount-
ing tabs of the heat sink.
6. Apply a thin layer of thermal grease on the back of the
chosen current limiting sense resistor, insert the resistor
into the PCB and mount the resistor to the HS28 heat sink
using #4 screw and nut hardware (not supplied). Be sure
to cut off the excess resistor lead lengths.
7. Mount the electrolytic capacitors at C2 and C3 from the
"component side" of the PCB. Match the polarity markings
on the capacitor with the polarity markings on the PCB.
Be sure the capacitors have snapped into the PCB and
solder from the "DUT side" of the PCB. Be sure to fill the
holes with solder.
8. Mount the terminal strip to the "component side" of the PCB.
Make sure the terminal strip is fully seated and solder the
pins from the "DUT side" of the PCB. Be sure to fill the
mounting holes with solder.
9. Mount and wire the banana jacks and BNC connector (nei-
ther supplied) to the PCB pads at locations 1-5 as needed
or desired.
10. Mount other components to complete your application
circuit using the pads and holes provided.
11. From the "DUT side" of the PCB snap the spacer- grom-
mets into the holes at the four corners of the PCB. Notice
that the holes are slightly rectangular and match the spacer-
grommet's long and short sides to the holes in the PCB.
12. Apply a thin, uniform layer of thermal grease to the amplifier;
a straight edge may be useful here. Position the amplifier
over the mounting holes in the heatsink. Firmly push the
amplifier onto the heatsink while slightly rotating the ampli-
fier back and forth, ending with the mounting holes of the
amplifier over the mounting holes in the heatsink.
13. Attach the amplifier to the heatsink with 4-40x½’ male-
female hex spacers (not supplied). These spacers serve
as alignment pins and aide in the assembly of the PCB to
the heatsink. Alternatively, use 4-40x¼’ machine screws
to mount the amplifier to the heatsink. Do not over-tighten
the spacers or screws as this provides no thermal benefit
and may break the hardware.
14. Place the PCB assembly on the heatsink/amplifier assembly
so that the hex spacers come through the aligning holes
near the corners of the amplifier location in the PCB. Care-
fully lower the PCB assembly until the pins of the amplifier
engage the cage jacks. Alternately, sight through the align-
ing holes in the PCB and match-up the PCB to the screws
used to mount the amplifier. In either case be sure the pins
of the amplifier are engaged with the cage jacks and then
continue pushing the PCB assembly in the area between
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
��������������������������������������������������������������
� � � � � � � � � � � � � � �
��������������������������������������������
����


Similar Part No. - EK57

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EK50 APEX-EK50 Datasheet
138Kb / 2P
EVALUATION KIT FOR PB50/PB58 POWER BOOSTERS
logo
Electronic devices inc.
EK500 EDI-EK500 Datasheet
54Kb / 2P
HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
logo
Cirrus Logic
EK51 APEX-EK51 Datasheet
334Kb / 2P
EVALUATION KIT FOR DF (24-PIN PSOP)
EK52 APEX-EK52 Datasheet
450Kb / 4P
EVALUATION KIT FOR MP230FC/MP240FC PIN OUT
EK54 APEX-EK54 Datasheet
270Kb / 2P
EVALUATION KIT FOR PA60DK
More results

Similar Description - EK57

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EK13 APEX-EK13 Datasheet
166Kb / 2P
EVALUATION KIT FOR PA241DF
EK22 APEX-EK22 Datasheet
526Kb / 5P
EVALUATION KIT FOR PA94/PA95
EK28 APEX-EK28 Datasheet
157Kb / 2P
EVALUATION KIT FOR PA97
EK34 APEX-EK34 Datasheet
200Kb / 2P
EVALUATION KIT FOR PA240CX
EK54 APEX-EK54 Datasheet
270Kb / 2P
EVALUATION KIT FOR PA60DK
EK55 APEX-EK55 Datasheet
270Kb / 2P
EVALUATION KIT FOR PA62DK
EK-SA50 APEX-EK-SA50 Datasheet
144Kb / 1P
EVALUATION KIT FOR SA50
EK-SA51 APEX-EK-SA51 Datasheet
141Kb / 1P
EVALUATION KIT FOR SA51
logo
Maxim Integrated Produc...
MAX3678EVKIT MAXIM-MAX3678EVKIT Datasheet
78Kb / 1P
Evaluation Kit for the MAX3678
11/9/2009
logo
Yuechung International ...
YIC51612EB YIC-YIC51612EB Datasheet
921Kb / 5P
Evaluation Kit for YIC51612EB Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com