Electronic Components Datasheet Search
  English  ▼

X  

V30DL50C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # V30DL50C
Description  Dual TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.29 V at IF = 5 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V30DL50C Datasheet(HTML) 2 Page - Vishay Siliconix

  V30DL50C Datasheet HTML 1Page - Vishay Siliconix V30DL50C Datasheet HTML 2Page - Vishay Siliconix V30DL50C Datasheet HTML 3Page - Vishay Siliconix V30DL50C Datasheet HTML 4Page - Vishay Siliconix V30DL50C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
V30DL50C
www.vishay.com
Vishay General Semiconductor
Revision: 17-Mar-2020
2
Document Number: 89963
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: pulse width
≤ 40 ms
Notes
(1) The heat generated must be less than the thermal conductivity from junction-to-ambient: dPD/dTJ < 1/RθJA
(2) Free air, without heatsink
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics Per Diode
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage per diode
IF = 5 A
TA = 25 °C
VF (1)
0.39
-
V
IF = 7.5 A
0.42
-
IF = 15 A
0.49
0.57
IF = 5 A
TA = 125 °C
0.29
-
IF = 7.5 A
0.33
-
IF = 15 A
0.42
0.50
Reverse current per diode
VR = 50 V
TA = 25 °C
IR (2)
-1800
μA
TA = 125 °C
25
60
mA
Typical junction capacitance
4.0 V, 1 MHz
TA = 25 °C
CJ
2800
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V30DL50C
UNIT
Typical thermal resistance
per diode
RθJC
1.7
°C/W
per device
0.9
per device
RθJA
(1)(2)
45
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
V30DL50C-M3/I
0.55
I
2000/reel
13" diameter plastic tape and reel
V30DL50CHM3_A/I (1)
0.55
I
2000/reel
13" diameter plastic tape and reel
10
100
1000
10000
0
5
10
15
20
25
30
35
0
25
50
75
100
125
150
Axis Title
Mount Temperature (°C)
T
M measured at cathode
terminal mount typical values
R
thJM = 0.9 °C/W
R
thJA = 45 °C/W
10
100
1000
10000
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
02468
10
12
14
16
18
Axis Title
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 1.0
D = tp/T
T
tp
D = 0.8
D = 0.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com