Electronic Components Datasheet Search
  English  ▼

X  

HC132A Datasheet(PDF) 4 Page - ON Semiconductor

Part # HC132A
Description  Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High?뭁erformance Silicon?묰ate CMOS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HC132A Datasheet(HTML) 4 Page - ON Semiconductor

  HC132A Datasheet HTML 1Page - ON Semiconductor HC132A Datasheet HTML 2Page - ON Semiconductor HC132A Datasheet HTML 3Page - ON Semiconductor HC132A Datasheet HTML 4Page - ON Semiconductor HC132A Datasheet HTML 5Page - ON Semiconductor HC132A Datasheet HTML 6Page - ON Semiconductor HC132A Datasheet HTML 7Page - ON Semiconductor HC132A Datasheet HTML 8Page - ON Semiconductor HC132A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC74HC132A
www.onsemi.com
4
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Guaranteed Limit
VCC
Symbol
Unit
v125_C
v85_C
*55_C to 25_C
V
Test Conditions
Parameter
VT–min
Minimum Negative−Going
Input Threshold Voltage
(Figure 5)
VOUT = VCC – 0.1 V
|IOUT| v 20 mA
2.0
4.5
6.0
0.3
0.9
1.2
0.3
0.9
1.2
0.3
0.9
1.2
V
VHmax
(Note 7)
Maximum Hysteresis
Voltage
(Figure 5)
VOUT = 0.1 V or VCC – 0.1 V
|IOUT| v 20 mA
2.0
4.5
6.0
1.2
2.25
3.0
1.2
2.25
3.0
1.2
2.25
3.0
V
VHmin
(Note 7)
Minimum Hysteresis
Voltage
(Figure 5)
VOUT = 0.1 V or VCC – 0.1 V
|IOUT| v 20 mA
2.0
4.5
6.0
0.2
0.4
0.5
0.2
0.4
0.5
0.2
0.4
0.5
V
VOH
Minimum High−Level
Output Voltage
VIN v VT−min or VT+max
|IOUT| v 20 mA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
VIN v −VT−min or VT+max
|IOUT| v 4.0 mA
|IOUT| v 5.2 mA
4.5
6.0
3.98
5.48
3.84
5.34
3.7
5.2
VOL
Maximum Low−Level
Output Voltage
VIN ≥ VT+max
|IOUT| v 20 mA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN ≥ VT+max
|IOUT| v 4.0 mA
|IOUT| v 5.2 mA
4.5
6.0
0.26
0.26
0.33
0.33
0.4
0.4
IIN
Maximum Input Leakage
Current
VIN = VCC or GND
6.0
$0.1
$1.0
$1.0
mA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN = VCC or GND
IOUT = 0 mA
6.0
1.0
10
40
mA
7. VHmin u (VT+min) * (VT−max); VHmax = (VT+max) ) (VT−min).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com