Electronic Components Datasheet Search
  English  ▼

X  

DB2014S Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # DB2014S
Description  VOLTAGE 1400 Volts CURRENT 2.0 Ampere SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DB2014S Datasheet(HTML) 1 Page - Rectron Semiconductor

  DB2014S Datasheet HTML 1Page - Rectron Semiconductor DB2014S Datasheet HTML 2Page - Rectron Semiconductor DB2014S Datasheet HTML 3Page - Rectron Semiconductor DB2014S Datasheet HTML 4Page - Rectron Semiconductor DB2014S Datasheet HTML 5Page - Rectron Semiconductor DB2014S Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VOLTAGE 1400 Volts CURRENT 2.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
resistive or inductive load.
DB2014S
DB-S
Dimensions in inches and (millimeters)
FEATURES
* Good for automation insertion
* Surge overload rating - 50 amperes peak
* Ideal for printed circuit board
* Reliable low cost construction utilizing molded
* Glass passivated device
* Polarity symbols molded on body
* Mounting position: Any
* Epoxy: Device has UL flammability classification 94V-O
MECHANICAL DATA
MAXIMUM RATINGS (At TA =25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA =25
oC unless otherwise noted)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
I2t
TJ,TSTG
VRMS
Volts
Volts
Amps
2.0
60
14.9
-55 to + 150
0 C
UNITS
Maximum Average Forward Output Current at TA =40
oC
1400
980
Volts
Amps
A
2Sec
DB2014S
DB2014S
1400
DC Blocking Voltage per element
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.2
0.05
mAmps
uAmps
Elementat2.0ADC
Maximum Forward Voltage Drop per Bridge
Volts
@TA =25
oC
@TA =125
oC
1.0
R JA
0C/W
R JL
Typical Thermal Resistance (Note 2)
Typical Current Squarad Time
2. Thermal Resistance: Mounted on PCB.
40
15
Maximum Reverse Current at Rated
SINGLE-PHASE GLASS PASSIVATED
SILICON BRIDGE RECTIFIER
Note: 1.” ROHS compliant”.
2020-04/97
REV:B
.089 (2.25)
.144(3.65 )
.255 (6.5)
.245 (6.2)
.045 (1.14)
.035 (0.89)
.410 (10.4)
.060 (1.524)
.037 (0.95 )
.360 (9.4)
.346 (8.8)
.307 (7.8)
.195 (5.0)
.205 (5.2)


Similar Part No. - DB2014S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DB201 MCC-DB201 Datasheet
247Kb / 3P
2.0 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Shenzhen Luguang Electr...
DB201 LUGUANG-DB201 Datasheet
152Kb / 2P
Silicon Bridge Rectifiers
logo
Formosa MS
DB201 FORMOSA-DB201 Datasheet
1Mb / 6P
Bridge Rectifier
logo
Guangdong Juxing Electr...
DB201 JUXING-DB201 Datasheet
795Kb / 2P
BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
DB201 GWSEMI-DB201 Datasheet
63Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
More results

Similar Description - DB2014S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB107-C-S-R01 RECTRON-DB107-C-S-R01 Datasheet
233Kb / 3P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE 1000 Volts CURRENT 1.0 Ampere
RS201M RECTRON-RS201M Datasheet
44Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
RC207 RECTRON-RC207 Datasheet
615Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE1000 Volts CURRENT 2.0 Amperes
logo
Microdiode Semiconducto...
MDDDB201S CHENDA-MDDDB201S Datasheet
79Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS Current - 2.0 Ampere
logo
Rectron Semiconductor
DB1012 RECTRON-DB1012 Datasheet
75Kb / 5P
VOLTAGE 1300 Volts CURRENT 1.0 Ampere SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2021-07 REV:B
DRS201K RECTRON-DRS201K Datasheet
274Kb / 5P
GLASS PASSIVATED BRIDGE RECTIFIERS VOLTAGE 1000 Volts CURRENT 2.0 Ampere
2018-10 REV: C
MSB407S RECTRON-MSB407S Datasheet
135Kb / 6P
VOLTAGE RANGE 1000 Volts CURRENT 4.0 Ampere SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2019-07 REV:D
MSB407SH RECTRON-MSB407SH Datasheet
125Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 800 Volts CURRENT 4.0 Ampere
2019-09 REV:O
RBU2509M RECTRON-RBU2509M Datasheet
133Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 1400 Volts CURRENT 25 Amperes
2020-12 REV:A
SLDB207S RECTRON-SLDB207S Datasheet
100Kb / 8P
VOLTAGE 1000 Volts CURRENT 2.0 Ampere SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2016-07 REV:O
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com