Electronic Components Datasheet Search
  English  ▼

X  

DB302 Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # DB302
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DB302 Datasheet(HTML) 3 Page - Rectron Semiconductor

  DB302 Datasheet HTML 1Page - Rectron Semiconductor DB302 Datasheet HTML 2Page - Rectron Semiconductor DB302 Datasheet HTML 3Page - Rectron Semiconductor DB302 Datasheet HTML 4Page - Rectron Semiconductor DB302 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RECTRON
Attachment information about DB30X
1.
Internal Circuit
2. Marking on the body
-+
3. Items marked on the inner box and carton
3.1 On the box (for –C)
CUSTOMER
TYPE
LOT NO.
QUANTITY
Q.A.
DATE
3.2 On the carton
CUSTOMER
TYPE
QUANTITY
LOT NO.
REMARK
D B 3 0 X
Voltage-code
~ V X X X ~
Rectron Logo
Part No.
Plant - code
Year - code
Week - code
7
for all Voltage range
50V~1000V
-------



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com