Electronic Components Datasheet Search
  English  ▼

X  

KBP310 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # KBP310
Description  GLASS PASSIVATED BRIDGE RECTIFIER VOLTAGE RANGE 400 to 1000 Volts CURRENT 3.0 Amperes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

KBP310 Datasheet(HTML) 1 Page - Rectron Semiconductor

  KBP310 Datasheet HTML 1Page - Rectron Semiconductor KBP310 Datasheet HTML 2Page - Rectron Semiconductor KBP310 Datasheet HTML 3Page - Rectron Semiconductor KBP310 Datasheet HTML 4Page - Rectron Semiconductor KBP310 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
resistive or inductive load.
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
FEATURES
MECHANICAL DATA
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 50
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Current Squarad Time
SYMBOL
VRRM
VDC
IFSM
I
2t
TJ, TSTG
VRMS
UNITS
Volts
Volts
Amps
3.0
80
26.5
32
Amps
A
2/Sec
0 C/ W
0 C
Operating and Storage Temperature Range
R JC
I O
-55 to + 150
CJ
pF
Typical Junction Capacitance (Note 3)
25
Volts
KBP304
800
800
560
1000
1000
700
400
400
280
600
600
420
2016-07/13
REV:O
CHARACTERISTICS
at Rated DC Blocking Voltage
VF
SYMBOL
IR
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 2.0A DC
Volts
5.0
@TA = 100
oC
@TA = 25
oC
1.1
500
UNITS
NOTES : 1.
2. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
3. Measureed at 1MHz and applied reverse voltage of 4.0 volts.
KBP
Dimensions in inchs and (millimeters)
.600(15.20)
.560(14.20)
.162(4.10)
.140(3.60)
.160(4.10)
.140(3.60)
SPACING
.460(11.70)
.420(10.70)
.50
(12.70)
AC
.034(0.86) DIA.
.028(0.76) TYP.
MIN.
.055(1.40)
.039(1.00)
KBP306
KBP308
KBP310
KBP306
KBP308
KBP310
Thermal Resistance Junction to Ambient and form junction to lead at 0.375"(9.5mm) lead length P.C.B. Mounted.
GLASS PASSIVATED BRIDGE RECTIFIER
VOLTAGE RANGE 400 to 1000 Volts CURRENT 3.0 Amperes
KBP304
THRU
KBP310
Glass passivated chip
Low Reverse Leakage Current
High surge current capability
Case: plastic package
Marking / Polarity: Marked on Body
Weight: About 1.6 grams
KBP304


Similar Part No. - KBP310

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
KBP310 MCC-KBP310 Datasheet
431Kb / 3P
3 Amp Bridge Rectifier 50 to 1000 Volts
logo
Yangzhou yangjie electr...
KBP310 YANGJIE-KBP310 Datasheet
270Kb / 2P
SINGLE PHASE 3.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBP310 CHENG-YI-KBP310 Datasheet
147Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Shenzhen Luguang Electr...
KBP310 LUGUANG-KBP310 Datasheet
278Kb / 2P
Single-phase Silicon Bridge
logo
Formosa MS
KBP310 FORMOSA-KBP310 Datasheet
191Kb / 6P
3.0A Glass Passivated Single Phase Bridge Rectifiers-50-1000V
More results

Similar Description - KBP310

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PG5400 PANJIT-PG5400 Datasheet
54Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
logo
Rectron Semiconductor
FM301 RECTRON-FM301 Datasheet
23Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
FR301G RECTRON-FR301G Datasheet
238Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
RL1601C RECTRON-RL1601C Datasheet
26Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 16 Amperes)
SF31 RECTRON-SF31 Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 3.0 Amperes)
FM301B RECTRON-FM301B Datasheet
29Kb / 3P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
RL801K RECTRON-RL801K Datasheet
189Kb / 3P
GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
logo
Kingtronics Internation...
D3UB05-THRU-D3UB100 KINGTRONICS-D3UB05-THRU-D3UB100_15 Datasheet
375Kb / 2P
Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 3.0 Amperes
logo
Rectron Semiconductor
RS6004MH RECTRON-RS6004MH Datasheet
420Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 400 to 1000 Volts CURRENT 60 Amperes
2021-10/30 REV:B
SF106C RECTRON-SF106C Datasheet
582Kb / 5P
GLASS PASSIVATED BRIDGE RECTIFIER VOLTAGE RANGE 400 to 600 Volts CURRENT 10 Amperes
2022-04/52 REV:A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com