Electronic Components Datasheet Search
  English  ▼

X  

KSLDB3100S Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # KSLDB3100S
Description  VOLTAGE 100 Volts CURRENT 3.0 Ampere SCHOTTKY BARRIER RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

KSLDB3100S Datasheet(HTML) 2 Page - Rectron Semiconductor

  KSLDB3100S Datasheet HTML 1Page - Rectron Semiconductor KSLDB3100S Datasheet HTML 2Page - Rectron Semiconductor KSLDB3100S Datasheet HTML 3Page - Rectron Semiconductor KSLDB3100S Datasheet HTML 4Page - Rectron Semiconductor KSLDB3100S Datasheet HTML 5Page - Rectron Semiconductor KSLDB3100S Datasheet HTML 6Page - Rectron Semiconductor KSLDB3100S Datasheet HTML 7Page - Rectron Semiconductor KSLDB3100S Datasheet HTML 8Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
INSTANTANEOUS FORWARD VOLTAGE, (V)
0
0.01
0.1
1
10
0
120
20
40
60
80
100
1.6
1.2
0.4
0.8
2.0
100
40
60
20
14
1
RATING AND CHARACTERISTICS CURVES ( KSLDB3100S)
FIG.2 MAXIMUM INSTANTANEOUS
FORWARD CHARACTERISTICS
AMBIENT TEMPERATURE, (OC)
20
0.5
1.0
3.0
2.0
80
40
60
100
120
140 150
FIG.4 TYPICAL FORWARD CURRENT
DERATING CURVE
NUMBER OF CYCLES AT 60Hz
8.3mS Single Half Sine-Wave
JEDEC Method
FIG. 1 - TYPICAL NON-REPETITIVE
FORWARD SURGE CURRENT
TJ = 25
OC
Pulse Width = 300mS
1% Duty Cycle
60 Hz RESISTIVE OR
INDUCTIVE LOAD
PERCENT RATED PEAK REVERSE VOLTAGE, (%)
0
0.1
1000
1.0
10
100
40
20
60
80
100
120
140
FIG.3 MAXIMUM REVERSE CHARACTERISTICS
TA = 25
OC
TA = 150
OC
10
86
4.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com