Electronic Components Datasheet Search
  English  ▼

X  

8060521 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8060521
Description  Angle seat valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8060521 Datasheet(HTML) 1 Page - Festo Corporation.

  8060521 Datasheet HTML 1Page - Festo Corporation. 8060521 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Angle seat valve
VZXA-A-TS7-3/4"-M2-V14T-16-K-75-20-PR-V4
Part number: 8060521
Data sheet
Feature
Value
Structural design
Poppet valve with piston actuator
Actuation type
Pneumatic
Mounting position
Any
Type of mounting
Line installation
Cable connection
Threaded sleeve 3/4 NPT as per ANSI/ASME B 1.20.1
Valve function
2/2
Flow direction
Non-reversible
Medium pressure
0 MPa ... 1.6 MPa
Medium pressure
0 bar ... 16 bar
Reset method
Mechanical spring
Type of control
Externally controlled
Pneumatic connection
Internal thread G1/8
Operating pressure
0.5 MPa ... 1 MPa
Operating pressure
5 bar ... 10 bar
Operating pressure
72.5 psi ... 145 psi
Symbol
00995586
Medium
Vapor
Inert gas
Filtered compressed air, 200 µm filter mesh
Flow direction
Above valve seat, for gaseous media
Control of the medium
On/off mode
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Max. viscosity
600 mm²/s
Temperature of medium
-10 °C ... 180 °C
Ambient temperature
0 °C ... 60 °C
Flow rate Kv
14.5 m³/h
Use in exterior area
Weather-protected locations class C1 based on IEC 60654-1
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
Valve housing material
Cast stainless steel
Material number, fitting housing
ASTM A351-CF3M
Seals material
FPM
Spindle seal material
PTFE
Seat seal material
PTFE
6/27/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 8060521

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8060520 FESTO-8060520 Datasheet
95Kb / 2P
Angle seat valve
6/27/22
8060522 FESTO-8060522 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8060523 FESTO-8060523 Datasheet
96Kb / 2P
Angle seat valve
6/30/22
8060524 FESTO-8060524 Datasheet
96Kb / 2P
Angle seat valve
6/30/22
8060525 FESTO-8060525 Datasheet
96Kb / 2P
Angle seat valve
6/30/22
More results

Similar Description - 8060521

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8060515 FESTO-8060515 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8060520 FESTO-8060520 Datasheet
95Kb / 2P
Angle seat valve
6/27/22
8060545 FESTO-8060545 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8111591 FESTO-8111591 Datasheet
94Kb / 2P
Angle seat valve
6/27/22
8111593 FESTO-8111593 Datasheet
95Kb / 2P
Angle seat valve
6/27/22
8111597 FESTO-8111597 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8060551 FESTO-8060551 Datasheet
96Kb / 2P
Angle seat valve
6/30/22
1002501 FESTO-1002501 Datasheet
92Kb / 2P
Angle seat valve
7/1/22
1002503 FESTO-1002503 Datasheet
92Kb / 2P
Angle seat valve
7/1/22
1002533 FESTO-1002533 Datasheet
91Kb / 2P
Angle seat valve
7/1/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com