Electronic Components Datasheet Search
  English  ▼

X  

640051600 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 640051600
Description  AT2200HD Air Head Crimp Tool
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

640051600 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  640051600 Datasheet HTML 1Page - Molex Electronics Ltd. 640051600 Datasheet HTML 2Page - Molex Electronics Ltd. 640051600 Datasheet HTML 3Page - Molex Electronics Ltd. 640051600 Datasheet HTML 4Page - Molex Electronics Ltd. 640051600 Datasheet HTML 5Page - Molex Electronics Ltd. 640051600 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AT2200HD Air Head Crimp Tool
Doc. No. 64005-1600
Release Date: 01-17-03
UNCONTROLLED COPY
Page 2 of 6
Revision: A
Revision Date: 06-25-03
Wire Size: 14 – 16 AWG
2.00 – 1.30 mm²
Wire Strip Length
Insul. Dia. Max.
Terminal No.
Terminal
Eng No. (REF)
In.
mm
In.
mm
19058-0072
B-830-56HD
0.38
9.53
0.23
5.72
19058-0073
B-830-56HD-03
0.38
9.53
0.23
5.72
19058-0075
B-830-56HDRR
0.38
9.53
0.25
6.22
19058-0117
B-840-38HD
0.38
9.53
0.23
5.72
19058-0155
TT-1614HD
0.38
9.53
0.21
5.38
19142-0037
B-241-10HDX
0.31
7.94
0.25
6.35
Wire Size: 14 – 16 AWG
2.00 – 1.30 mm²
Wire Strip Length
Insul. Dia. Max.
Terminal No.
Terminal
In.
mm
In.
mm
19142-0040
B-268-14HDX
0.31
7.94
0.25
6.35
19197-0020
B-841-08HD
0.38
9.53
0.23
5.72
19197-0023
B-841-10HD
0.38
9.53
0.23
5.72
19197-0038
B-841-08HDX
0.28
7.14
0.23
5.72
19197-0041
B-841-10HDX
0.28
7.14
0.23
5.72
OPERATION
Refer to the instruction manual for the 19279-0001 (AT-200) for mounting this
crimp tool head.
Crimping Terminals
1. Adjust the locator up or down until the terminal being run sits flat and
straight in the tool.
2. Insert the wire into the terminal. Push up on the locator blade and push the
terminal and wire with the barrel facing up into the color-coded nest with
front edge of the barrel against the locator (See Figure 1). Release the
locator blade to hold the terminal in position.
3. Push on wire to assure it is still fully seated in the terminal. (See Figure 2 and 3). Cycle the tool.
Lift the locator blade or wire stop and remove the
crimped terminal. Inspect for proper crimp location,
and check for insulation closure. Locator is adjustable up and down to keep terminals straight after crimping.
4. If the insulation part of the crimp needs to be adjusted, first disconnect air source and loosen the M4 screw on the bottom tool jaw,
then insert a 3/32” hex wrench (supplied) into the bottom of the lower die (See Figure 4). A clockwise (CW) rotation decreases
insulation crimp while a counter-clockwise (CCW) rotation increases insulation crimp. After adjusting retighten the M4 screw.
Reconnect air source.
Caution: Never operate this tool without the supplied safety shield in
place. Never place fingers in the tool nests.
TERMINAL
FRONT EDGE
OF BARREL
SAFETY
SHIELD
PUSH UP
Figure 1
LOCATOR
JAWS
OPEN
TERMINAL
BARREL
TERMINAL
LOCATOR
WIRE
CONDUCTOR
PUNCH
INSULATION
ANVIL
Figure 3
INSULATION
PUNCH
CONDUCTOR
ANVIL
Figure 2
TERMINAL
WIRE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com