Electronic Components Datasheet Search
  English  ▼

X  

CSL2050DTA Datasheet(PDF) 3 Page - AnaSem Hong Kong Limited.

Part # CSL2050DTA
Description  20~50mA Current detection CMOSMR Monolithic Current Sensor Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANASEM [AnaSem Hong Kong Limited.]
Direct Link  http://anasemi.com/index.php
Logo ANASEM - AnaSem Hong Kong Limited.

CSL2050DTA Datasheet(HTML) 3 Page - AnaSem Hong Kong Limited.

  CSL2050DTA Datasheet HTML 1Page - AnaSem Hong Kong Limited. CSL2050DTA Datasheet HTML 2Page - AnaSem Hong Kong Limited. CSL2050DTA Datasheet HTML 3Page - AnaSem Hong Kong Limited. CSL2050DTA Datasheet HTML 4Page - AnaSem Hong Kong Limited. CSL2050DTA Datasheet HTML 5Page - AnaSem Hong Kong Limited. CSL2050DTA Datasheet HTML 6Page - AnaSem Hong Kong Limited. CSL2050DTA Datasheet HTML 7Page - AnaSem Hong Kong Limited. CSL2050DTA Datasheet HTML 8Page - AnaSem Hong Kong Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AnaSem Inc.
2
Rev. E09-08
CSL2050DTA
20~50mA Current detection, CMOS+MR Monolithic Current Sensor Switch
.......... Future of the analog world
PRODUCTS NUMBERING GUIDE
PIN CONFIGURATION (SOT-26)
TYPICAL APPLICATION CIRCUITS
CSL2050
Detection current
2050 : 20mA ~ 50mA
A : Detection pulse cycle 12.5msec
Max. detection current 500mA
Design version
T : SOT-26 (2.9×2.8×1.1mm)
Package form
A : AC current detection
D : DC current detection
Functional Specification
No.
Symbol
Descriptions
1
NC
Non connection
2
VOUT
CMOS output
3
CS+
Current +
4
VSS
Power ground
5
VIN
Power source
6
CS-
Current -
(Top view)
CS-
VOUT
VIN
VSS
CS+
1
2
3
4
6
5
NC
D0505A
CS-
VSS
CS+
VIN
CL = 1µF
VOUT
NC
A
3.3V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com