Electronic Components Datasheet Search
  English  ▼

X  

BCC08CM Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC08CM
Description  Single-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC08CM Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC08CM Datasheet HTML 1Page - Balluff Korea Ltd. BCC08CM Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Single-Ended Cordsets
BCC S425-0000-1A-004-PX0334-020
Order Code: BCC08CM
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 272171
ETIM 6.0: EC001855
BCC08CM_0.42_2022-06-18
1 / 2
Basic features
Approval/Conformity
CE
cULus
Ecolab
EAC
WEEE
Display/Operation
Function indicator (Pin 4)
LED yellow
Power indicator
Green LED
Electrical connection
Bending radius min., fixed cable
5 x D
Bending radius min., flexible cable
10 x D
Cable
PUR black, 2 m, drag chain
compatible
Cable diameter D
4.30 mm ±0.20 mm
Cable, bending cycles min.
5 mil.
Conductor cross-section
0.34 mm²
Connection
M12x1-Female, angled, 5-pin, A-
coded
Connector configuration
right-angle
Number of conductors
3
Number of pins
5
System
Molded
Electrical data
Operating voltage Ub
30 VDC
Rated current (40 °C)
4.0 A
Environmental conditions
Cable temperature UL max., fixed
routing
80 °C
Cable temperature UL max., flexible
routing
80 °C
Cable temperature, drag chain
-25...60 °C
Cable temperature, fixed routing
-50...90 °C
Cable temperature, flexible routing
-25...90 °C
IP rating
IP67, IP68, IP69K
Interface
Switching output
PNP normally open (NO)
Material
Cable jacket, material
PUR
Material contact carrier
PUR
Material contacts
Bronze
Material cover nut
1.4404 stainless steel
Material grip
PUR
Mechanical data
Acceleration max., drag chain
5 m/s²
Cable jacket, color
black
Cable length L
2.00 m
Cable properties
drag chain compatible
Horizontal travel permitted, drag
chain
5 m
Tightening torque pigtail
0.6 Nm
Traverse speed max., drag chain
200 m/min
Vertical travel permitted, drag chain
5 m


Similar Part No. - BCC08CM

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC08C0 BALLUFF-BCC08C0 Datasheet
101Kb / 1P
Field-Attachable Connectors
2022-07-16
BCC08CA BALLUFF-BCC08CA Datasheet
91Kb / 2P
T-Splitters
2023-12-20
BCC08CE BALLUFF-BCC08CE Datasheet
107Kb / 2P
Single-Ended Cordsets
0.42_2022-07-15
BCC08CF BALLUFF-BCC08CF Datasheet
107Kb / 2P
Single-Ended Cordsets
0.36_2022-04-14
BCC08CH BALLUFF-BCC08CH Datasheet
107Kb / 2P
Single-Ended Cordsets
0.36_2022-06-18
More results

Similar Description - BCC08CM

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC02M6 BALLUFF-BCC02M6 Datasheet
103Kb / 2P
Single-Ended Cordsets
0.64_2022-04-14
BCC053U BALLUFF-BCC053U Datasheet
122Kb / 2P
Single-Ended Cordsets
0.79_2022-04-14
BCC06HN BALLUFF-BCC06HN Datasheet
107Kb / 2P
Single-Ended Cordsets
0.65_2022-04-13
BCC0727 BALLUFF-BCC0727 Datasheet
107Kb / 2P
Single-Ended Cordsets
1_2018-12-17
BCC09CP BALLUFF-BCC09CP Datasheet
163Kb / 2P
Single-Ended Cordsets
0.63_2022-04-14
BCC02N5 BALLUFF-BCC02N5 Datasheet
98Kb / 2P
Single-Ended Cordsets
0.73_2022-01-17
BCC02NA BALLUFF-BCC02NA Datasheet
105Kb / 2P
Single-Ended Cordsets
0.34_2022-01-18
BCC02NK BALLUFF-BCC02NK Datasheet
99Kb / 2P
Single-Ended Cordsets
0.75_2022-01-17
BCC02NW BALLUFF-BCC02NW Datasheet
122Kb / 2P
Single-Ended Cordsets
1_2021-10-12
BCC032W BALLUFF-BCC032W Datasheet
107Kb / 2P
Single-Ended Cordsets
0.64_2022-04-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com