Electronic Components Datasheet Search
  English  ▼

X  

VDD301MCTA Datasheet(PDF) 6 Page - AnaSem Hong Kong Limited.

Part # VDD301MCTA
Description  Low voltage, Low power, 짹1% High detect accuracy CMOS Voltage Detector with Delay circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANASEM [AnaSem Hong Kong Limited.]
Direct Link  http://anasemi.com/index.php
Logo ANASEM - AnaSem Hong Kong Limited.

VDD301MCTA Datasheet(HTML) 6 Page - AnaSem Hong Kong Limited.

Back Button VDD301MCTA Datasheet HTML 2Page - AnaSem Hong Kong Limited. VDD301MCTA Datasheet HTML 3Page - AnaSem Hong Kong Limited. VDD301MCTA Datasheet HTML 4Page - AnaSem Hong Kong Limited. VDD301MCTA Datasheet HTML 5Page - AnaSem Hong Kong Limited. VDD301MCTA Datasheet HTML 6Page - AnaSem Hong Kong Limited. VDD301MCTA Datasheet HTML 7Page - AnaSem Hong Kong Limited. VDD301MCTA Datasheet HTML 8Page - AnaSem Hong Kong Limited. VDD301MCTA Datasheet HTML 9Page - AnaSem Hong Kong Limited. VDD301MCTA Datasheet HTML 10Page - AnaSem Hong Kong Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AnaSem
5
Rev. E13-01
VDD Series
Low voltage, Low power, ±1% High detect accuracy with delay circuit CMOS Voltage Detector
.......... Future of the analog world
www.anasemi.com
sales@anasemi.com
TEST CIRCUITS
Circuit (2) – Current consumption
Circuit (1) – Operating voltage, Detection voltage, Hysteresis range, Detection voltage temperature coefficient
100K
Ω
*1)
VIN
VSS
VOUT
R
VIN
VSS
VOUT
VIN
A
VIN
VSS
VOUT
VIN
A
VDS
Circuit (3) – N-ch driver output current
VIN
VSS
VOUT
VIN
A
VDS
Circuit (4) – P-ch driver output current
Note 1) :
The resistor (100K
Ω) is not necessary for CMOS output products.
Note 1) :
The resistor (100K
Ω) is not necessary for CMOS output
products.
Measurement
of wave form
100K
Ω
*1)
VIN
VSS
VOUT
VIN
R
V
V
Circuit (5) – Delay time (VREL
→VOUT inversion)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com