Electronic Components Datasheet Search
  English  ▼

X  

LTC2908 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LTC2908
Description  Precision Six Supply Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC2908 Datasheet(HTML) 2 Page - Linear Integrated Systems

  LTC2908 Datasheet HTML 1Page - Linear Integrated Systems LTC2908 Datasheet HTML 2Page - Linear Integrated Systems LTC2908 Datasheet HTML 3Page - Linear Integrated Systems LTC2908 Datasheet HTML 4Page - Linear Integrated Systems LTC2908 Datasheet HTML 5Page - Linear Integrated Systems LTC2908 Datasheet HTML 6Page - Linear Integrated Systems LTC2908 Datasheet HTML 7Page - Linear Integrated Systems LTC2908 Datasheet HTML 8Page - Linear Integrated Systems LTC2908 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC2908
sn2908 2908fs
Terminal Voltages
V1, V2, V3, V4 ........................................ – 0.3V to 7V
VADJ1, VADJ2 ........................... – 0.3V to (VCC + 0.3V)
RST ........................................................ – 0.3V to 7V
Operating Temperature Range
LTC2908C-A1/LTC2908C-B1 .................. 0°C to 70°C
LTC2908I-A1/LTC2908I-B1 ................ –40°C to 85°C
ABSOLUTE
AXI U
RATI GS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRT50
5V, 5% Reset Threshold
V1 Input Threshold
●
4.600
4.675
4.750
V
VRT33
3.3V, 5% Reset Threshold
V2 Input Threshold
●
3.036
3.086
3.135
V
VRT25
2.5V, 5% Reset Threshold
V3 Input Threshold
●
2.300
2.338
2.375
V
VRT18
1.8V, 5% Reset Threshold
V4 Input Threshold
●
1.656
1.683
1.710
V
VRTADJ
ADJ, 5% Reset Threshold
VADJ1, VADJ2 Input Threshold
●
0.492
0.500
0.508
V
(LTC2908-A1) The
● denotes specifications which apply over the full
operating temperature range, otherwise specifications are TA = 25°C. VCC = 5V, unless otherwise noted. (Note 2)
ELECTRICAL CHARACTERISTICS
(Notes 1, 2)
Consult factory for parts specified with wider operating temperature ranges.
PACKAGE/ORDER I FOR ATIO
LTC2908CTS8-A1
LTC2908ITS8-A1
LTC2908CTS8-B1
LTC2908ITS8-B1
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 250°C/ W
Storage Temperature Range
DFN Package .....................................–65°C to 125°C
TSOT-23 Package ..............................–65°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300°C
LTBFJ
LTBFK
LTBFM
LTBFN
TS8 PART
MARKING
LTC2908CDDB-A1
LTC2908IDDB-A1
LTC2908CDDB-B1
LTC2908IDDB-B1
ORDER PART
NUMBER
LBFD
LBFF
LBFG
LBFH
DDB8 PART
MARKING
TJMAX = 125°C, θJA = 76°C/ W
EXPOSED PAD (PIN 9)
(PCB CONNECTION OPTIONAL)
V2 1
V4 2
RST 3
GND 4
8 V1
7 VADJ1
6 V3
5 VADJ2
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
TOP VIEW
9
DDB8 PACKAGE
8-LEAD (3mm × 2mm) PLASTIC DFN
5
6
7
8
4
3
2
1
GND
RST
V4
V2
VADJ2
V3
VADJ1
V1
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRT33
3.3V, 5% Reset Threshold
V1 Input Threshold
●
3.036
3.086
3.135
V
VRT25
2.5V, 5% Reset Threshold
V2 Input Threshold
●
2.300
2.338
2.375
V
VRT18
1.8V, 5% Reset Threshold
V3 Input Threshold
●
1.656
1.683
1.710
V
VRT15
1.5V, 5% Reset Threshold
V4 Input Threshold
●
1.380
1.403
1.425
V
VRTADJ
ADJ, 5% Reset Threshold
VADJ1, VADJ2 Input Threshold
●
0.492
0.500
0.508
V
(LTC2908-B1) The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are
TA = 25°C. VCC = 3.3V, unless otherwise noted. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com