Electronic Components Datasheet Search
  English  ▼

X  

QLSP02WPE Datasheet(PDF) 4 Page - Quelighting Corp

Part # QLSP02WPE
Description  This high output reflector type 5630 LEDs are available in warm /neutral / pure and cold white to suit customer?셲 application.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLSP02WPE Datasheet(HTML) 4 Page - Quelighting Corp

  QLSP02WPE Datasheet HTML 1Page - Quelighting Corp QLSP02WPE Datasheet HTML 2Page - Quelighting Corp QLSP02WPE Datasheet HTML 3Page - Quelighting Corp QLSP02WPE Datasheet HTML 4Page - Quelighting Corp QLSP02WPE Datasheet HTML 5Page - Quelighting Corp QLSP02WPE Datasheet HTML 6Page - Quelighting Corp QLSP02WPE Datasheet HTML 7Page - Quelighting Corp QLSP02WPE Datasheet HTML 8Page - Quelighting Corp QLSP02WPE Datasheet HTML 9Page - Quelighting Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
3
QLSP02WXE series V1.2
Electrical / Optical Characteristic
(T=25 oC)
Product
Color
IF(mA)
VF(V)
CCT
CRI
Luminous Flux(lm)
Typ.
Max
Typ
min
typ.
QLSP02WWE
Warm White
150
3.1
3.4
2700
80
-
50.0
QLSP02WWE
Warm White
150
3.1
3.4
3000
80
-
50.0
QLSP02WNE
Netural White
150
3.1
3.4
4000
80
-
56.0
QLSP02WPE
Pure White
150
3.1
3.4
5000
80
-
56.0
QLSP02WCE
Cold White
150
3.1
3.4
6500
80
-
56.0
*Tolerance = +/- 10%
Absolute Maximum Rating
(T=25 oC)
Part #
Pd (mW)
IF (mA)
IFP (mA)*
VR (V)
TOP (oC)
TST (oC)
TSOL (oC)**
Rth(J-S) (C/W)***
All White
680
200
350
5
-40
– 85
-40 - 100
260
25.6
*Duty 1/10 @ 10Khz
** IR Reflow for no more than 10 sec @ 260 oC
*** Junction to substrate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com