Electronic Components Datasheet Search
  English  ▼

X  

QLSP03WPH Datasheet(PDF) 5 Page - Quelighting Corp

Part # QLSP03WPH
Description  The high output reflector type 3030 LEDs are available in warm white / neutral white / pure white and cold white to suit customer?셲 application.
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLSP03WPH Datasheet(HTML) 5 Page - Quelighting Corp

  QLSP03WPH Datasheet HTML 1Page - Quelighting Corp QLSP03WPH Datasheet HTML 2Page - Quelighting Corp QLSP03WPH Datasheet HTML 3Page - Quelighting Corp QLSP03WPH Datasheet HTML 4Page - Quelighting Corp QLSP03WPH Datasheet HTML 5Page - Quelighting Corp QLSP03WPH Datasheet HTML 6Page - Quelighting Corp QLSP03WPH Datasheet HTML 7Page - Quelighting Corp QLSP03WPH Datasheet HTML 8Page - Quelighting Corp QLSP03WPH Datasheet HTML 9Page - Quelighting Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
4
QLSP03WXH V1.1
White Binning
Bin Range of Chromaticity Coordinates
ANSI CCT
Color Space
Target Center point
(cx,cy)
Major
Axis,a
Minor
Axis,b
Ellipse Rotation
Angle
2700K
3-step MacAdam
ellipse
(0.4578,0.4101)
0.0081
0.0042
53.70°
3000K
3-step MacAdam
ellipse
(0.4338,0.403)
0.0083
0.00408
53.22°
4000K
3-step MacAdam
ellipse
(0.3818,0.3797)
0.0094
0.00402
53.72°
5000K
3-step MacAdam
ellipse
(0.3447,0.3553)
0.0082
0.00354
59.62°
5700K
3-step MacAdam
ellipse
(0.3287,0.3417)
0.0075
0.0032
59.09°
6500K
3-step MacAdam
ellipse
(0.3123,0.3282)
0.0067
0.00285
58.57°
(1) Correlated color temperature is derived from the CIE 1931chromaticity diagram
(2) CIE measurement tolerance is ± 0.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com