Electronic Components Datasheet Search
  English  ▼

X  

MP240 Datasheet(PDF) 1 Page - Cirrus Logic

Part # MP240
Description  POWER OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

MP240 Datasheet(HTML) 1 Page - Cirrus Logic

  MP240 Datasheet HTML 1Page - Cirrus Logic MP240 Datasheet HTML 2Page - Cirrus Logic MP240 Datasheet HTML 3Page - Cirrus Logic MP240 Datasheet HTML 4Page - Cirrus Logic MP240 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
��������������������������������������������������������������
� � � � � � � � � � � � � � �
���������������������������
�����
FEATURES
• LOW COST
• HIGH VOLTAGE - 200 VOLTS
• HIGH OUTPUT CURRENT - 20 AMPS
• 170 WATT DISSIPATION CAPABILITY
APPLICATIONS
• MOTOR DRIVE
• MAGNETIC DEFLECTION
• PROGRAMMABLE POWER SUPPLIES
• INDUSTRIAL AUDIO AMPLIFIER
DESCRIPTION
The MP240 operational amplifier is a surface mount con-
structed component that provides a cost effective solution in
many industrial applications. The MP240 offers outstanding
performance that rivals much more expensive hybrid compo-
nents yet has a footprint of only 4.7 sq in. The MP240 has many
optional features such as four-wire current limit sensing, a shut-
down control and external compensation. In addition, the class
A/B output stage biasing can be turned off for lower quiescent
current with class C operation in applications where crossover
distortion is less important such as when driving motors, for
example. A boost voltage feature biases the output stage for
close linear swings to the supply rail for extra efficient operation.
The MP240 is built on a thermally conductive but electrically
insulating substrate that can be mounted to a heat sink.
EQUIVALENT CIRCUIT DIAGRAM
42-PIN DIP
PACKAGE TYPE FC
TYPICAL APPLICATION
MOTOR POSITION CONTROL
The MOSFET output stage of the MP240 provides superior
SOA performance compared to bipolar output stages where
secondary breakdown is a concern. The extended SOA is
ideal in motor drive applications where the back EMF of the
motor may impose simultaneously both high voltage and high
current across the output stage transistors. In the figure above
a mechanical to electrical feedback position converter allows
the MP240 to drive the motor in either direction to a set point
determined by the DAC voltage.
EXTERNAL CONNECTIONS
��
��
��
���
��
��
���
���
����
����
��
���
��
���
���
���
���
���
���
���
���
��
��
��
��
���
���
���
��
���
���
��
��
��
��
��
���
���
��
��
��
��
���
���
��
���
��
��
���
��
�� �����
��
���
���
���
���
�����
����
�����
�����
�����
�����
����
���
���
���
���
���
���
���
���
�� �
���
����
����
���
���
�����
���
�����
���
�����
���
�����
��� ���
���
���
���
���
���
���
��
��
��
��
��
��
��
��
��
��
���
���
���
��
���
�����
�����
��
������
����������������������������������������������������
�������������������������������������������������������
����������������������������������������������������
��������������������������������������
�����������������������������������������������
������������������������
������������������
��������������
��
�����
�����
��
�����
���
��
��
��
��
����
��
��
��
��
��
��
��
���
���
���
���
���
���
���
���
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
���
��� ���
���
���
���
���
���
���
���
���
���
������
��
��
��
��� ���
��������
������������ ��������������
��
�����
�����
��
������
���
��
���
���
���
���
��
��
��
���
���
���
��
����������
��������
�������
�����
�����
��
��
���
���
���
���
���
���
���
���
�����
�����
��������
��������
�����
�����
���
��
���
����
�����
�����
�����
�����
�����
���
���
���
���


Similar Part No. - MP240

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP240 CTS-MP240 Datasheet
133Kb / 5P
Quartz Crystal
logo
Cirrus Logic
MP240 CIRRUS-MP240 Datasheet
575Kb / 7P
Power Operational Amplifier
MP240 CIRRUS-MP240 Datasheet
478Kb / 7P
Power Operational Amplifier
logo
Monolithic Power System...
MP2403 MPS-MP2403 Datasheet
345Kb / 13P
3A, 32V, 250kHz Integrated Synchronous Step-Down Converter
MP2403DN MPS-MP2403DN Datasheet
345Kb / 13P
3A, 32V, 250kHz Integrated Synchronous Step-Down Converter
More results

Similar Description - MP240

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
Power Operational Amplifier
logo
Cirrus Logic
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
POWER OPERATIONAL AMPLIFIER
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
Power Operational Amplifier
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
Power Operational Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com