Electronic Components Datasheet Search
  English  ▼

X  

PA05 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA05
Description  POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA05 Datasheet(HTML) 1 Page - Cirrus Logic

  PA05 Datasheet HTML 1Page - Cirrus Logic PA05 Datasheet HTML 2Page - Cirrus Logic PA05 Datasheet HTML 3Page - Cirrus Logic PA05 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
The JEDEC MO-127 12-pin Power Dip™ package (see
Package Outlines) is hermetically sealed and isolated from
the internal circuits. The use of compressible thermal washers
and/or improper mounting torque will void the product warranty.
Please see “General Operating Considerations”.
TYPICAL APPLICATION
The high power bandwidth of the PA05 allows driving sonar
transducers via a resonant circuit including the transducer
and a matching transformer. The load circuit appears resis-
tive to the PA05. Control logic turns off the amplifier's output
during shutdown.
EXTERNAL CONNECTIONS
PHASE COMPENSATION
Gain
C
C
R
C
1
470pF
120Ω
>3
220pF
120Ω
≥10
82pF
120Ω
C
C RATED FOR FULL SUPPLY VOLTAGE
*See BOOST OPERATION paragraph.
FEATURES
• HIGH INTERNAL DISSIPATION — 250 WATTS
• HIGH VOLTAGE, HIGH CURRENT — 100V, 30A
• HIGH SLEW RATE — 100V/µS
• 4 WIRE CURRENT LIMIT SENSING
• LOW DISTORTION
• EXTERNAL SHUTDOWN CONTROL
• OPTIONAL BOOST VOLTAGE INPUTS
• EVALUATION KIT — SEE EK09
APPLICATIONS
• LINEAR AND ROTARY MOTOR DRIVES
• sonar transducer driver
• YOKE/MAGNETIC FIELD EXCITATION
• PROGRAMMABLE POWER SUPPLIES TO ±45V
• AUDIO UP TO 500W
DESCRIPTION
The PA05 is a high voltage MOSFET power operational
amplifier that extends the performance limits of power ampli-
fiers in slew rate and power bandwidth, while maintaining high
current and power dissipation ratings.
The PA05 is a highly flexible amplifier. The shutdown control
feature allows the output stage to be turned off for standby
operation or load protection during fault conditions. Boost
voltage inputs allow the small signal portion of the amplifier to
operate at a higher voltage than the high current output stage.
The amplifier is then biased to achieve close linear swings to
the supply rails at high currents for extra efficient operation.
External compensation tailors slew rate and bandwidth per-
formance to user needs. A four wire sense technique allows
precision current limiting without the need to consider internal
or external milliohm parasitic resistance in the output line. The
output stage is protected by thermal limiting circuits above
junction temperatures of 175°C.
EQUIVALENT SCHEMATIC
��
�
�
�
�
��
��������
�������
���
�������
���
���
����
����
���
���
����
�
�
�
����
�
�
��
���
���
��
��
��
��
���
���
���
���
���
���
���
���
���
���
���
���
��
��
��
��
���
���
���
���
��
�������
�����
������
�����
�����
� �
� �
�
��
�
��
��
� ��
�����
�����������
����
�
���
����
������
������
��������
�������������
�������������
�� � �
�
�
�
�
�
�
��
��
��
�
�
�
���
����
����
�������
�������
�������
�������
������
�
�
����
��������������������������������������������������������������
� � � � � � � � � � � � � � �
����������������������������
������������
12-PIN POWER DIP
PACKAGE STYLE CR


Similar Part No. - PA05

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
Power Operational Amplifier
logo
AZ Displays
PA050XS1 AZDISPLAYS-PA050XS1 Datasheet
695Kb / 26P
This technical specification applies to 5inch color TFT-LCD module , PA050XS1.
logo
Pulse A Technitrol Comp...
PA0510NL PULSE-PA0510NL Datasheet
140Kb / 2P
SMT GATE DRIVE TRANSFORMERS 1500VDC Basic and Operational Insulation
PA0510NL PULSE-PA0510NL Datasheet
1Mb / 5P
SMT Gate Drive Transformers
PA0510NL PULSE-PA0510NL Datasheet
1Mb / 5P
1500VDC isolation between Gate and Drive
More results

Similar Description - PA05

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM759 NSC-LM759 Datasheet
207Kb / 14P
Power Operational Amplifiers
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com