Electronic Components Datasheet Search
  English  ▼

X  

PA10 Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA10
Description  POWER OPERATIONAL AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA10 Datasheet(HTML) 4 Page - Cirrus Logic

  PA10 Datasheet HTML 1Page - Cirrus Logic PA10 Datasheet HTML 2Page - Cirrus Logic PA10 Datasheet HTML 3Page - Cirrus Logic PA10 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
4
OPERATING
CONSIDERATIONS
PA10 • PA10A
GENERAL
Please read Application Note 1 "General Operating Con-
siderations" which covers stability, supplies, heat sinking,
mounting, current limit, SOA interpretation, and specification
interpretation. Visit www.apexmicrotech.com for design tools
that help automate tasks such as calculations for stability,
internal power dissipation, current limit; heat sink selection;
Apex’s complete Application Notes library; Technical Seminar
Workbook; and Evaluation Kits.
SAFE OPERATING AREA (SOA)
The output stage of most power amplifiers has three distinct
limitations:
1. The current handling capability of the transistor geometry
and the wire bonds.
2. The second breakdown effect which occurs whenever the
simultaneous collector current and collector-emitter voltage
exceeds specified limits.
3. The junction temperature of the output transistors.
The SOA curves combine the effect of these limits. For a
given application, the direction and magnitude of the output
current should be calculated or measured and checked against
the SOA curves. This is simple for resistive loads but more
complex for reactive and EMF generating loads.
1. For DC outputs, especially those resulting from fault condi-
tions, check worst case stress levels against the new SOA
graph.
For sine wave outputs, use Power Design1 to plot a load
line. Make sure the load line does not cross the 0.5ms limit
and that excursions beyond any other second breakdown
line do not exceed the time label, and have a duty cycle of
no more than 10%.
1
Note 1. Power Design is a self-extracting Excel spread-
sheet available free from www.apexmicrotech.com
For other waveform outputs, manual load line plotting
is recommended. Applications Note 22, SOA AND LOAD
LINES, will be helpful. A Spice type analysis can be very
useful in that a hardware setup often calls for instruments
or amplifiers with wide common mode rejection ranges.
2. The amplifier can handle any EMF generating or reactive
load and short circuits to the supply rail or shorts to com-
mon if the current limits are set as follows at T
C = 85°C:
�
� �
����
���
���
���
�
���
���
����
����
��
��
���
��
��
��
�
�
�����
��
�����
��
�����
���
�
��
��
��
��
��
���
���
���
���
���
���
��
��
��
�� �� �� ��
�� �� �� ��
���
�
� �
����
��
���������������������������������������
����������
SHORT TO ±V
S
SHORT TO
±V
S
C, L, OR EMF LOAD
COMMON
50V
.21A
.61A
40V
.3A
.87A
35V
.36A
1.0A
30V
.46A
1.4A
25V
.61A
1.7A
20V
.87A
2.2A
15V
1.4A
2.9A
CURRENT LIMITING
Refer to Application Note 9, "Current Limiting", for details of
both fixed and foldover current limit operation. Visit the Apex
web site at www.apexmicrotech.com for a copy of the Power
Design spreadsheet (Excel) which plots current limits vs. steady
state SOA. Beware that current limit should be thought of as a
+/–20% function initially and varies about 2:1 over the range
of –55°C to 125°C.
For fixed current limit, leave pin 7 open and use equations
1 and 2.
R
CL = 0.65/LCL
(1)
I
CL = 0.65/RCL
(2)
Where:
I
CL is the current limit in amperes.
R
CL is the current limit resistor in ohms.
For certain applications, foldover current limit adds a slope
to the current limit which allows more power to be delivered
to the load without violating the SOA. For maximum foldover
slope, ground pin 7 and use equations 3 and 4.
0.65 + (Vo * 0.014)
I
CL =
(3)
R
CL
0.65 + (Vo * 0.014)
R
CL =
(4)
I
CL
Where:
Vo is the output voltage in volts.
Most designers start with either equation 1 to set R
CL for the
desired current at 0v out, or with equation 4 to set R
CL at the
maximum output voltage. Equation 3 should then be used to
plot the resulting foldover limits on the SOA graph. If equa-
tion 3 results in a negative current limit, foldover slope must
be reduced. This can happen when the output voltage is the
opposite polarity of the supply conducting the current.
In applications where a reduced foldover slope is desired,
this can be achieved by adding a resistor (R
FO) between pin
7 and ground. Use equations 4 and 5 with this new resistor
in the circuit.
0.65 +
Vo * 0.14
10.14 + R
FO
I
CL =
(5)
R
CL
0.65 +
Vo * 0.14
10.14 + R
FO
R
CL =
(6)
I
CL
Where:
R
FO is in K ohms.
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
PA10U REV O OCTOBER 2004 © 2004 Apex Microtechnology Corp.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com