Electronic Components Datasheet Search
  English  ▼

X  

TF2306 Datasheet(PDF) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF2306
Description  N-Channel 30-V(D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF2306 Datasheet(HTML) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF2306 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF2306 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF2306 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF2306 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF2306 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
30
V
1
IGSS
100
nA
VGS(th)
1
1.9
3
V
ID(ON)
15
A
50
88
m
Ω
gFS
VSD
0.79
1
V
IS
2.5
A
Ciss
230
Coss
pF
Crss
Rg
36
Ω
Qg
Qgs
Qgd
tD(on)
tr
tD(off)
tf
Turn-Off Fall Time
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VDS=5V, ID=3.6A
VGS=10V, VDS=5V
VGS=10V, ID=3.6A
VDS=0V, VGS=±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
IDSS
µA
Gate Threshold Voltage
VDS=VGS ID=250µA
VDS=24V, VGS=0V
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
m
Ω
VGS=4.5V, ID=2.8A
IS=1A
Turn-On Rise Time
Gate resistance
VGS=0V, VDS=15V, f=1MHz
SWITCHING PARAMETERS
Total Gate Charge
VGS=0V, VDS=0V, f=1MHz
Reverse Transfer Capacitance
Turn-Off DelayTime
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Gate Drain Charge
DYNAMIC PARAMETERS
VGS=10V, VDS=15V, ID=3.6A
VGS=4.5V, VDS=10V, ID=3.6A,
RGEN=3Ω
Gate Source Charge
Turn-On DelayTime
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C.
The value in any given application depends on the user's specific board design. The current rating is based on the t
≤ 10s thermal
resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
D. The static characteristics in Figures 1 to 6,12,14 are obtained using 80
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The
SOA curve provides a single pulse rating.
Rev 5 : July 2005
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate MOSFETS
TF2306
www.sztuofeng.com
Feb,2018 V1.0
2
57
94
pF
40
17
pF
11
S
4.0
nC
0.75
nC
0.65
nC
10
nS
50
10
20
nS
nS
nS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com