Electronic Components Datasheet Search
  English  ▼

X  

TF2307 Datasheet(PDF) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF2307
Description  P-Channel 30-V(D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF2307 Datasheet(HTML) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF2307 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF2307 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF2307 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF2307 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF2307 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co TF2307 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.sztuofeng.com
,2018 V1.0
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate MOSFETS
TF2307
2
MOSFET ELECTRICAL CHARACTERISTICS
Ta =25 ℃ unless otherwise specified
a.Pulse Test : Pulse Width < 300µs, Duty Cycle ≤2%.
b.
These parameters have no way to verify.
Parameter
Symbol
Test Condition
Min
Typ
Max Units
Static characteristics
Drain-source breakdown voltage
BVDSS
VGS = 0V, ID =-250µA
-30
V
Zero gate voltage drain current
IDSS
VDS =-24V,VGS = 0V
-1
µA
Gate-source leakage current
IGSS
VGS =±20V, VDS = 0V
±100
nA
Drain-source on-resistance (note a)
RDS(on)
VGS =-10V, ID =-3..5A
65
75
mΩ
VGS =-4.5V, ID =-2.5A
85
95
mΩ
Forward tranconductance (note a)
gFS
VDS =-5V, ID =-3.5A
5.5
S
Gate threshold voltage
VGS(th)
VDS =VGS, ID =-250µA
-1
-1.4
-3
V
Diode forward voltage (note a)
VSD
IS=-1A,VGS=0V
-1
V
Dynamic characteristics (note b)
Input capacitance
Ciss
700
pF
VDS =-15V,VGS =0V,f =1MHz
Output capacitance
Coss
120
pF
Reverse transfer capacitance
Crss
75
pF
Switching Characteristics (note b)
Turn-on delay time
td(on)
9.0
ns
Turn-on rise time
tr
VGS=-10V,VDS=-15V,
5.0
ns
RL=3.6Ω,RGEN=3Ω
Turn-off delay time
td(off)
28.2
ns
Turn-off fall time
tf
13.5
ns
Notes:
Mar



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com