Electronic Components Datasheet Search
  English  ▼

X  

TF2309 Datasheet(PDF) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF2309
Description  P-Channel 60-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF2309 Datasheet(HTML) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF2309 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF2309 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF2309 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF2309 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF2309 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VDS = 0 V, ID = - 250 µA
- 60
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 1
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 48 V, VGS = 0 V
- 1
µA
VDS = - 48 V, VGS = 0 V, TJ = 125 °C
- 50
On-State Drain Currenta
ID(on)
VDS ≥ - 4.5 V, VGS = - 10 V
- 6
A
Drain-Source On-State Resistancea
rDS(on)
VGS = - 10 V, ID = - 1.25 A
0.275
0.340
Ω
VGS = - 4.5 V, ID = - 1 A
0.406
0.550
Forward Transconductancea
gfs
VDS = - 4.5 V, ID = - 1 A
1.9
S
Dynamicb
Total Gate Charge
Qg
VDS = - 30 V, VGS = - 10 V, ID = - 1.25 A
5.4
12
nC
Gate-Source Charge
Qgs
1.15
Gate-Drain Charge
Qgd
0.92
Turn-On Delay Time
td(on)
VDD = - 30 V, RL = 30 Ω
ID ≅ - 1 A, VGEN = - 4.5 V, RG = 6 Ω
10.5
20
ns
Rise Time
tr
11.5
20
Turn-Off Delay Time
td(off)
15.5
30
Fall Time
tf
7.5
15
Source-Drain Rating Characteristicsb
Continuous Current
IS
- 1.25
A
Pulsed Current
ISM
- 8
Diode Forward Voltagea
VSD
IS = - 1.25 A, VGS = 0 V
- 0.82
- 1.2
V
Source-Drain Reverse Recovery Time
trr
IF = - 1.25 A, di/dt = 100 A/µs
30
55
ns
Output Characteristics
0
2
4
6
8
0
2468
10
VGS = 10 thru 6 V
3 V
4 V
VDS - Drain-to-Source Voltage (V)
1, 2 V
5 V
Transfer Characteristics
0
1
2
3
4
5
6
0
1234
5
25 °C
TC = - 55 °C
125 °C
VGS - Gate-to-Source Voltage (V)
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate MOSFETS
TF2309
www.sztuofeng.com
Feb,2018 V1.0
2
- 3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com