Electronic Components Datasheet Search
  English  ▼

X  

TF2314 Datasheet(PDF) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF2314
Description  N-Channel 20-V(D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF2314 Datasheet(HTML) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF2314 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF2314 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF2314 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF2314 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF2314 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
20
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
0.45
0.85
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V, TJ = 70_C
75
mA
On-State Drain Currenta
ID(on)
VDS w 10 V, VGS = 4.5 V
15
A
VGS = 4.5 V, ID = 5.0 A
0.025
0.031
Drain-Source On-Resistancea
rDS(on)
VGS = 2.5 V, ID = 4.6 A
0.030
0.037
W
SO
DS(on)
VGS = 1.8 V, ID = 4.1 A
0.036
0.047
W
Forward Transconductancea
gfs
VDS = 15 V, ID = 5.0 A
30
S
Diode Forward Voltage
VSD
IS = 1.0 A, VGS = 0 V
0.8
1.2
V
Dynamicb
Total Gate Charge
Qg
7.5
12
Gate-Source Charge
Qgs
VDS = 10 V, VGS = 4.5 V, ID = 5.0 A
1.4
nC
Gate-Drain Charge
Qgd
DS
GS
D
1.2
Gate Resistance
Rg
f = 1.0 MHz
1.1
2.2
3.3
W
Switching
Turn-On Delay Time
td(on)
9
15
Rise Time
tr
VDD = 10 V, RL = 10 W
30
45
Turn-Off Delay Time
td(off)
VDD = 10 V, RL = 10 W
ID ^ 1.0 A, VGEN = 4.5 V, Rg = 6 W
35
55
ns
Fall-Time
tf
g
10
15
Source-Drain Reverse Recovery Time
trr
IF = 1 0 A di/dt = 100 A/ms
13
25
Body Diode Reverse Recovery Charge
Qrr
IF = 1.0 A, di/dt = 100 A/ms
4.5
7
nC
Notes
a. Pulse test: PW v300 ms duty cycle v2%.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
3
6
9
12
15
0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00
0
3
6
9
12
15
01
23
4
VGS = 4.5 thru 2.0 V
TC = 125_C
−55_C
1.5 V
25_C
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
1.0 V
TF2314
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate MOSFETS
www.sztuofeng.com
Feb,2018 V1.0
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com