Electronic Components Datasheet Search
  English  ▼

X  

TF2317 Datasheet(PDF) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF2317
Description  P-Channel 20-V(D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF2317 Datasheet(HTML) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF2317 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF2317 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF2317 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF2317 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF2317 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co TF2317 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics (T
A = 25°C unless otherwise noted)
TF2317
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
STATIC CHARACTERISTICS
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=-250
µA
-20
-
-
V
V
DS=-16V, VGS=0V
-
-
-1
IDSS
Zero Gate Voltage Drain Current
µA
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=-250
µA
-0.5
-0.7
-1
V
IGSS
Gate Leakage Current
VGS=±12V, VDS=0V
-
-
±100
nA
VGS=-4.5V, IDS=-4.5A
-
26
28
VGS=-2.5V, IDS=-2.5A
-
32
38
RDS(ON)
a
Drain-Source On-State Resistance
VGS=-1.8V, IDS=-2A
-
45
50
m
Ω
VSD
a
Diode Forward Voltage
ISD=-1A, VGS=0V
-
-0.7
-1.3
V
GATE CHARGE CHARACTERISTICS
b
Qg
Total Gate Charge
-
14
20
Qgs
Gate-Source Charge
-
2.1
-
Qgd
Gate-Drain Charge
VDS=-10V, VGS=-4.5V,
IDS=-4.5A
-
4.7
-
nC
TF2317
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23-3L Plastic-Encapsulate MOSFETS
DYNAMIC CHARACTERISTICS
b
RG
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
-
7
-
Ω
Ciss
Input Capacitance
-
1520
-
Coss
Output Capacitance
-
225
-
Crss
Reverse Transfer Capacitance
VGS=0V,
VDS=-10V,
Frequency=1.0MHz
-
165
-
pF
td(ON)
Turn-on Delay Time
-
6
12
tr
Turn-on Rise Time
-
13
24
td(OFF)
Turn-off Delay Time
-
86
156
tf
Turn-off Fall Time
VDD=-10V, RL=10
Ω,
IDS=-1A, VGEN=-4.5V,
RG=6
Ω
-
42
77
ns
trr
Reverse Recovery Time
-
21
-
ns
qrr
Reverse Recovery Charge
ISD=-4.5A, dlSD/dt =100A/µs
-
9
-
nC
Note a : Pulse test ; pulse width
≤300
µs, duty cycle≤2%.
Note b : Guaranteed by design, not subject to production testing.
www.sztuofeng.com
Feb,2018 V1.0
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com