Electronic Components Datasheet Search
  English  ▼

X  

PA21M Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA21M
Description  TABLE 4 GROUP A INSPECTION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA21M Datasheet(HTML) 1 Page - Cirrus Logic

  PA21M Datasheet HTML 1Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
SG PARAMETER
SYMBOL
TEMP. POWER
TEST CONDITIONS
MIN
MAX
UNITS
1
Quiesent Current
I
Q
25
°C
±15
V
IN = 0, AV = 100
75
mA
1
Input Offset Voltage
V
OS
25
°C
±2.5
V
IN = 0, AV = 100
10
mV
1
Input Offset Voltage
V
OS
25
°C
±15
V
IN = 0, AV = 100
10
mV
1
Input Offset Voltage
V
OS
25
°C
±20
V
IN = 0, AV = 100
14
mV
1
Input Bias Current + IN
+ I
B
25
°C
±15
V
IN = 0
1000
nA
1
Input Bias Current –IN
–I
B
25
°C
±15
V
IN = 0
1000
nA
1
Input Offset Current
I
OS
25
°C
±15
V
IN = 0
500
nA
3
Quiesent Current
I
Q
–55
°C
±15
V
IN = 0, AV = 100
75
mA
3
Input Offset Voltage
V
OS
–55
°C
±2.5
V
IN = 0, AV = 100
14
mV
3
Input Offset Voltage
V
OS
–55
°C
±15
V
IN = 0, AV = 100
14
mV
3
Input Offset Voltage
V
OS
–55
°C
±20
V
IN = 0, AV = 100
18
mV
3
Input Bias Current + IN
+ I
B
–55
°C
±15
V
IN = 0
1000
nA
3
Input Bias Current –IN
–I
B
–55
°C
±15
V
IN = 0
1000
nA
3
Input Offset Current
I
OS
–55
°C
±15
V
IN = 0
500
nA
2
Quiesent Current
I
Q
125
°C
±15
V
IN = 0, AV = 100
105
mA
2
Input Offset Voltage
V
OS
125
°C
±2.5
V
IN = 0, AV = 100
15
mV
2
Input Offset Voltage
V
OS
125
°C
±15
V
IN = 0, AV = 100
15
mV
2
Input Offset Voltage
V
OS
125
°C
±20
V
IN = 0, AV = 100
19
mV
2
Input Bias Current + IN
+ I
B
125
°C
±15
V
IN = 0
1000
nA
2
Input Bias Current –IN
–I
B
125
°C
±15
V
IN = 0
1000
nA
2
Input Offset Current
I
OS
125
°C
±15
V
IN = 0
500
nA
4
Output Voltage I
O= 2A
V
O
25
°C
±9.5
R
L = 3Ω
6.0
V
4
Output Voltage I
O= 100mA
V
O
25
°C
±11
R
L = 100Ω
10
V
4
Output Voltage I
O= 1A
V
O
25
°C
±4.8
R
L = 3Ω
3.0
V
4
Stability/Noise
E
N
25
°C
±15
R
L = 500Ω, AV = 1 CL = 1.5nF
1.0
mV
4
Crosstalk
XTLK
25
°C
±15
R
L = 3Ω
50
dB
4
Slew Rate
SR
25
°C
±15
R
L = 500Ω
.5
V/
µS
4
Open Loop Gain
A
OL
25
°C
±15
R
L = 500Ω,
F =10Hz
75
dB
4
Common-mode Rejection
CMR
25
°C
±17
R
L = 500Ω, VCM = ±14V
60
dB
6
Output Voltage I
O= 2A
V
O
–55
°C
±9.5
R
L = 3Ω
6.0
V
6
Output Voltage I
O= 100mA
V
O
–55
°C
±11
R
L = 100Ω
10
V
6
Output Voltage I
O= 1A
V
O
–55
°C
±4.8
R
L = 3Ω
3.0
V
6
Stability/Noise
E
N
–55
°C
±15
R
L = 500Ω, AV = 1, CL = 1.5nF
1.0
mV
6
Slew Rate
SR
–55
°C
±15
R
L = 500Ω
.5
V/
µS
6
Open Loop Gain
A
OL
–55
°C
±15
R
L = 500Ω, F = 10Hz
75
dB
6
Common-mode Rejection
CMR
–55
°C
±17
R
L = 500Ω, VCM = ±14V
60
dB
5
Output Voltage I
O= 1A
V
O
125
°C
±4.8
R
L = 3Ω
3.0
V
5
Output Voltage I
O= 100mA
V
O
125
°C
±11
R
L = 100Ω
10.0
V
5
Output Voltage I
O= 750mA
V
O
125
°C
±4.0
R
L = 3Ω
2.25
V
5
Stability/Noise
E
N
125
°C
±15
R
L = 500Ω, AV = 1, CL = 1.5nF
1.0
mV
5
Slew Rate
SR
125
°C
±15
R
L = 500Ω
.5
V/
µS
5
Open Loop Gain
A
OL
125
°C
±15
R
L = 500Ω, F = 10Hz
75
dB
5
Common-mode Rejection
CMR
125
°C
±17
R
L = 500Ω, VCM = ±14V
60
dB
*
These components are used to stabilize device due
to poor high frequency characteristics of burn in
board.
**
Input signals are calculated to result in internal
power dissipation of approximately 2.1W at case
temperature = 125
°C.
BURN IN CIRCUIT
* *
AB
10K
10K
*
*
4
32
U.U.T.
1
10K
10K
6
5
*
*
+15V
–15V
Ω
Ω
Ω
Ω
200
Ω
200
Ω
8
7
HTTP://WWW.APEXMICROTECH.COM
(800) 546-APEX
(800) 546-2739
MICROTECHNOLOGY
TABLE 4 GROUP A INSPECTION
PA21M
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
PA21MU REV. F DECEMBER 1997
© 1997 Apex Microtechnology Corp.


Similar Part No. - PA21M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA21 ETC-PA21 Datasheet
84Kb / 5P
POWER DUAL OPERATIONAL AMPLIFIERS
logo
Carlo Gavazzi Holding A...
PA2100/2 CARLOGAVAZZI-PA2100/2 Datasheet
279Kb / 3P
Panel Actuators and Indicators Type PA2 Contact Block
logo
Pulse A Technitrol Comp...
PA2101850N PULSE-PA2101850N Datasheet
503Kb / 3P
All NMO mount antennas listed in this catalog section require the NMOHF-style
logo
Wuxi U-NIKC Semiconduct...
PA210HK UNIKC-PA210HK Datasheet
790Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
PA210HVA NIKOSEM-PA210HVA Datasheet
331Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - PA21M

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA08M APEX-PA08M Datasheet
67Kb / 1P
TABLE 4 GROUP A INSPECTION
logo
Anpec Electronics Corop...
PA09M ANPEC-PA09M Datasheet
66Kb / 1P
TABLE 4 GROUP A INSPECTION
logo
Cirrus Logic
PA10M APEX-PA10M Datasheet
66Kb / 1P
TABLE 4 GROUP A INSPECTION
PA74M APEX-PA74M Datasheet
67Kb / 1P
TABLE 4 GROUP A INSPECTION
PA85M APEX-PA85M Datasheet
67Kb / 1P
TABLE 4 GROUP A INSPECTION
PA241M APEX-PA241M Datasheet
66Kb / 1P
TABLE 4 GROUP A INSPECTION
PA02M CIRRUS-PA02M Datasheet
157Kb / 2P
Table 4 Group A Inspection
PA07M CIRRUS-PA07M Datasheet
143Kb / 2P
Table 4 Group A Inspection
PA10M CIRRUS-PA10M Datasheet
156Kb / 2P
Table 4 Group A Inspection
PA61M CIRRUS-PA61M Datasheet
154Kb / 2P
Table 4 Group A Inspection
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com