Electronic Components Datasheet Search
  English  ▼

X  

PA51M Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA51M
Description  TABLE 4 GROUP A INSPECTION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA51M Datasheet(HTML) 1 Page - Cirrus Logic

  PA51M Datasheet HTML 1Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
SG
PARAMETER
SYMBOL TEMP. POWER
TEST CONDITIONS
MIN
MAX
UNITS
1
Quiescent current
I
Q
25°C
±34V
V
IN = 0, AV = 100, RCL = .1Ω
10
mA
1
Input offset voltage
V
OS
25°C
±34V
V
IN = 0, AV = 100
±10
mV
1
Input offset voltage
V
OS
25°C
±10V
V
IN = 0, AV = 100
±16
mV
1
Input offset voltage
V
OS
25°C
±40V
V
IN = 0, AV = 100
±11.2
mV
1
Input bias current, +IN
+I
B
25°C
±34V
V
IN = 0
±40
nA
1
Input bias current, – IN
–I
B
25°C
±34V
V
IN = 0
±40
nA
1
Input offset current
I
OS
25°C
±34V
V
IN = 0
±10
nA
3
Quiescent current
I
Q
–55°C
±34V
V
IN = 0, AV = 100, RCL = .1Ω
10
mA
3
Input offset voltage
V
OS
–55°C
±34V
V
IN = 0, AV = 100
±15.2
mV
3
Input offset voltage
V
OS
–55°C
±10V
V
IN = 0, AV = 100
±21.2
mV
3
Input offset voltage
V
OS
–55°C
±40V
V
IN = 0, AV = 100
±16.4
mV
3
Input bias current, +IN
+I
B
–55°C
±34V
V
IN = 0
±72
nA
3
Input bias current, –IN
–I
B
–55°C
±34V
V
IN = 0
±72
nA
3
Input offset current
I
OS
–55°C
±34V
V
IN = 0
±26
nA
2
Quiescent current
I
Q
125°C
±34V
V
IN = 0, AV = 100, RCL = .1Ω
13
mA
2
Input offset voltage
V
OS
125°C
±34V
V
IN = 0, AV = 100
±16.5
mV
2
Input offset voltage
V
OS
125°C
±10V
V
IN = 0, AV = 100
±22.5
mV
2
Input offset voltage
V
OS
125°C
±40V
V
IN = 0, AV = 100
±17.7
mV
2
Input bias current, +IN
+I
B
125°C
±34V
V
IN = 0
±80
nA
2
Input bias current, –IN
–I
B
125°C
±34V
V
IN = 0
±80
nA
2
Input offset current
I
OS
125°C
±34V
V
IN = 0
±30
nA
4
Output voltage, I
O =10A
V
O
25°C
±18V
R
L = 1Ω
10
V
4
Output voltage, I
O = 68mA
V
O
25°C
±40V
R
L = 500Ω
34
V
4
Output voltage, I
O = 4A
V
O
25°C
±30V
R
L = 6Ω
24
V
4
Current limits
I
CL
25°C
±16V
R
L = 1Ω, RCL = .1Ω
5
7.9
A
4
Stability/noise
E
N
25°C
±34V
R
L = 500Ω, AV = +1, CL = 1.5nF
1
mV
4
Slew rate
SR
25°C
±34V
R
L = 500Ω
1.0
10
V/µs
4
Open loop gain
A
OL
25°C
±34V
R
L = 500Ω, F = 10Hz
94
dB
4
Common-mode rejection
CMR
25°C
±15V
R
L = 500Ω, F = DC, VCM = ±9V
70
dB
6
Output voltage, I
O =10A
V
O
–55°C
±18V
R
L = 1Ω
10
V
6
Output voltage, I
O = 68mA
V
O
–55°C
±40V
R
L = 500Ω
34
V
6
Output voltage, I
O = 4A
V
O
–55°C
±30V
R
L = 6Ω
24
V
6
Stability/noise
E
N
–55°C
±34V
R
L = 500Ω, AV = +1, CL = 1.5nF
1
mV
6
Slew rate
SR
–55°C
±34V
R
L = 500Ω
1.0
10
V/µs
6
Open loop gain
A
OL
–55°C
±34V
R
L = 500Ω, F = 10Hz
94
dB
6
Common-mode rejection
CMR
–55°C
±15V
R
L = 500Ω, F = DC, VCM = ±9V
70
dB
5
Output voltage, I
O = 8A
V
O
125°C
±16V
R
L = 1Ω
8
V
5
Output voltage, I
O = 68mA
V
O
125°C
±40V
R
L = 500Ω
34
V
5
Output voltage, I
O = 4A
V
O
125°C
±30V
R
L = 6Ω
24
V
5
Stability/noise
E
N
125°C
±34V
R
L = 500Ω, AV = +1, CL = 1.5nF
1
mV
5
Slew rate
SR
125°C
±34V
R
L = 500Ω
1.0
10
V/µs
5
Open loop gain
A
OL
125°C
±34V
R
L = 500Ω, F = 10Hz
94
dB
5
Common-mode rejection
CMR
125°C
±15V
R
L = 500Ω, F = DC, VCM = ±9V
70
dB
BURN IN CIRCUIT
* These components are used to stabilize device due
to poor high frequency characteristics of burn in
board.
** Input signals are calculated to result in internal power
dissipation of approximately 2.1W at case temperature
= 125°C.
�����
��
��
�����
����
����
�
�
�
�
�
�
�
���
���
�
�
�����
�
��������������������������������������������������������������
� � � � � � � � � � � � � � �
��������������������������
���������
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
PA51MU REV I JULY 2002 © 2002 Apex Microtechnology Corp.


Similar Part No. - PA51M

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA51M CIRRUS-PA51M Datasheet
157Kb / 2P
Table 4 Group A Inspection
PA51M/883 CIRRUS-PA51M/883 Datasheet
157Kb / 2P
Table 4 Group A Inspection
More results

Similar Description - PA51M

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA08M APEX-PA08M Datasheet
67Kb / 1P
TABLE 4 GROUP A INSPECTION
logo
Anpec Electronics Corop...
PA09M ANPEC-PA09M Datasheet
66Kb / 1P
TABLE 4 GROUP A INSPECTION
logo
Cirrus Logic
PA21M APEX-PA21M Datasheet
25Kb / 1P
TABLE 4 GROUP A INSPECTION
PA74M APEX-PA74M Datasheet
67Kb / 1P
TABLE 4 GROUP A INSPECTION
PA85M APEX-PA85M Datasheet
67Kb / 1P
TABLE 4 GROUP A INSPECTION
PA241M APEX-PA241M Datasheet
66Kb / 1P
TABLE 4 GROUP A INSPECTION
PA02M CIRRUS-PA02M Datasheet
157Kb / 2P
Table 4 Group A Inspection
PA07M CIRRUS-PA07M Datasheet
143Kb / 2P
Table 4 Group A Inspection
PA10M CIRRUS-PA10M Datasheet
156Kb / 2P
Table 4 Group A Inspection
PA61M CIRRUS-PA61M Datasheet
154Kb / 2P
Table 4 Group A Inspection
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com