Electronic Components Datasheet Search
  English  ▼

X  

TF3422 Datasheet(PDF) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF3422
Description  N-Channel 30-V(D-S) MOSFETc
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF3422 Datasheet(HTML) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF3422 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF3422 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF3422 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF3422 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF3422 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
2
4
6
8
10
012
345
VDS (Volts)
Fig 1: On-Region characteristics
VGS=2V
2.5V
5V
3.5V
10V
0
2
4
6
8
1
1.25
1.5
1.75
2
2.25
2.5
VGS(Volts)
Figure 2: Transfer Characteristics
100
120
140
160
180
200
012
345
ID (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
0.8
1
1.2
1.4
1.6
1.8
2
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction
Temperature
VGS=2.5V
VGS=4.5
10
60
110
160
210
260
310
360
024
68
10
VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
25°C
125°C
VDS=5V
VGS=2.5V
VGS=4.5V
ID=2.3A
25°C
125°C
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
1E+01
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VSD (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
TF3422
www.sztuofeng.com
Feb,2018 V1.0
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate MOSFETS
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com