Electronic Components Datasheet Search
  English  ▼

X  

TF3423 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF3423
Description  P-Channel 20-V(D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF3423 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF3423 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF3423 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF3423 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF3423 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF3423 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co TF3423 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.sztuofeng.com
Feb,2018 V1.0
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate MOSFETS
1
V(BR)DSS
RDS(on)MAX
ID
-20V
0.100Ω@-4.5V
-2.0A
0.130 Ω@-2.5V
P-Channel 20-V(D-S) MOSFET
General FEATURE
●
TrenchFET Power MOSFET
●
Lead free product is acquired
●
Surface mount package
APPLICATION
●
Load Switch for Portable Devices
●
DC/DC Converter
SOT-23
MARKING
Equivalent Circuit
w
1.GATE
2.SOURCE
3.DRAIN
*w:week code
Maximum ratings (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±12
Continuous Drain Current
ID
-2.0
Pulsed Drain Current
IDM
-10
A
Continuous Source-Drain Diode Current
IS
-1.30
Maximum Power Dissipation
PD
1.0
W
Thermal Resistance from Junction to Ambient(t ≤5s)
R θJA
℃/W
Junction Temperature
TJ
150
℃
Storage Temperature
Tstg
-55 ~+150
178
1
2
3
TF3423
TF3423
AS3TF


Similar Part No. - TF3423

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TF3423VU TDK-TF3423VU Datasheet
760Kb / 27P
Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
TF3423VU-102Y10R0-01 TDK-TF3423VU-102Y10R0-01 Datasheet
760Kb / 27P
Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
TF3423VU-102Y15R0-01 TDK-TF3423VU-102Y15R0-01 Datasheet
760Kb / 27P
Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
TF3423VU-103Y5R0-01 TDK-TF3423VU-103Y5R0-01 Datasheet
760Kb / 27P
Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
TF3423VU-202Y5R0-01 TDK-TF3423VU-202Y5R0-01 Datasheet
760Kb / 27P
Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
More results

Similar Description - TF3423

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1467DH VISHAY-SI1467DH Datasheet
142Kb / 7P
P-Channel 20-V (D-S) MOSFET
02-Jun-08
SI2323DS VISHAY-SI2323DS_08 Datasheet
96Kb / 6P
P-Channel 20-V (D-S) MOSFET
25-Aug-08
SI3443CDV VISHAY-SI3443CDV Datasheet
145Kb / 7P
P-Channel 20-V (D-S) MOSFET
05-Nov-07
logo
Analog Power
AM2305PE ANALOGPOWER-AM2305PE Datasheet
346Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM2325P ANALOGPOWER-AM2325P Datasheet
133Kb / 6P
P-Channel 20-V (D-S) MOSFET
AM3405P ANALOGPOWER-AM3405P Datasheet
224Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM3441P ANALOGPOWER-AM3441P Datasheet
206Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM4463P ANALOGPOWER-AM4463P Datasheet
194Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM40P02-20D ANALOGPOWER-AM40P02-20D Datasheet
144Kb / 3P
P-Channel 20-V (D-S) MOSFET
AM50P02-16D ANALOGPOWER-AM50P02-16D Datasheet
145Kb / 3P
P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com