Electronic Components Datasheet Search
  English  ▼

X  

PA60 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA60
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA60 Datasheet(HTML) 2 Page - Cirrus Logic

  PA60 Datasheet HTML 1Page - Cirrus Logic PA60 Datasheet HTML 2Page - Cirrus Logic PA60 Datasheet HTML 3Page - Cirrus Logic PA60 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
PARAMETER
TEST CONDITIONS1,2
MIN
TYP
MAX
UNTS
INPUT
OFFSET VOLTAGE, initial
1
15
mV
OFFSET VOLTAGE, vs. temperature
Full temp range
20
µV/°C
BIAS CURRENT, initial
100
500
nA
COMMON MODE RANGE
Full temp range
-Vs
+Vs - 1.3
V
COMMON MODE REJECTION, DC
60
90
dB
POWER SUPPLY REJECTION
Full temp range
60
90
dB
CHANNEL SEPARATION
I
OUT = 500mA, ƒ = 1kHz
50
68
dB
INPUT NOISE VOLTAGE
R
S = 100Ω, ƒ = 1 to 100kHz
22
nV/√Hz
GAIN
OPEN LOOP GAIN
V
O = ±10V, RL = 2.0KΩ
89
100
dB
GAIN BANDWIDTH PRODUCT
ƒ = 100kHz, C
L = 100pF, RL = 2.0KΩ
0.9
1.4
MHz
PHASE MARGIN
Full temp range, C
L = 100pF, RL = 2KΩ
65
°C
POWER BANDWIDTH
V
O(P-P) = 28V
13.6
kHz
OUTPUT
CURRENT, peak (PA60DK)
1.0
A
CURRENT, peak (PA60EU)
1.5
A
SLEW RATE
1.0
1.4
V/µS
VOLTAGE SWING
Full temp range, I
O = 100mA
|Vs| -1.1
|Vs| -0.8
V
VOLTAGE SWING
Full temp range, I
O = 1A
|Vs| -1.8
|Vs| -1.4
V
HARMONIC DISTORTION
A
V = 1, RL = 50Ω,
.02
%
V
O = .5VRMS, ƒ = 1kHz
POWER SUPPLY
VOLTAGE, Vss3
5
30
40
V
CURRENT, quiescent total
8
10
mA
THERMAL
RESISTANCE, junction to case
DC, 1 amplifier, (PA60EU)
5.71
6.29
°C/W
DC, 1 amplifier, (PA60DK)
6.51
7.16
°C/W
DC, 2 amplifiers, (PA60EU)4
3.57
3.93
°C/W
DC, 2 amplifiers, (PA60DK)4
4.44
4.88
°C/W
AC, 1 amplifier, (PA60EU)
4.29
4.71
°C/W
AC, 1 amplifier, (PA60DK)
4.88
5.37
°C/W
AC, 2 amplifiers, (PA60EU)4
2.68
2.95
°C/W
AC, 2 amplifiers, (PA60DK)4
3.33
3.66
°C/W
RESISTANCE, junction to air (PA60EU)
30
°C/W
RESISTANCE, junction to air (PA60DK)6
25
°C/W
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
PA60
Notes:
1. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation
to achieve high MTTF.
2. Unless otherwise noted, the following conditions apply: ±V
S = ±15V, T C =25°C.
3. +V
S and -VS denote the positive and negative rail respectively. VSS denotes total rail-to-rail supply.
4. Rating applies when power dissipation is equal in each of the amplifiers.
5. If -V
S is disconnected before +VS, a diode between -Vs and ground is recommended to avoid damage.
6. Rating applies when the hesatslug of the DK package is soldered to a minimum of 1 square inch foil area of a printed circuit
board.
SUPPLY VOLTAGE, total
5V to 40V
OUTPUT CURRENT
SOA
POWER DISSIPATION, internal (PA60EU, 1 amplifier)
19.89W
POWER DISSIPATION, internal (PA60DK, 1 amplifier)
17.46W
POWER DISSIPATION, internal (PA60EU, 2 amplifiers)4
31.82W
POWER DISSIPATION, internal (PA60DK, 2 amplifiers)4
25.60W
INPUT VOLTAGE, differential
±Vs
INPUT VOLTAGE, common mode
+Vs,-Vs-.5V
JUNCTION TEMPERATURE, max.1
150°C
TEMPERATURE, pin solder - 10 secs max.
220°C
TEMP RANGE STORAGE
-55°C to 150°C
OPERATING TEMP RANGE, case1
-40°C to 125°C
SPECIFICATIONS (PER AMPLIFIER)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com