Electronic Components Datasheet Search
  English  ▼

X  

PA85M Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA85M
Description  TABLE 4 GROUP A INSPECTION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA85M Datasheet(HTML) 1 Page - Cirrus Logic

  PA85M Datasheet HTML 1Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
SG
PARAMETER***
SYMBOL TEMP. POWER
TEST CONDITIONS
MIN
MAX
UNITS
1
Quiescent current
I
Q
25°C
±150V
V
IN = 0, AV = 100
25
mA
1
Input offset voltage
V
OS
25°C
±15V
V
IN = 0, AV = 100
±4
mV
1
Input offset voltage
V
OS
25°C
±150V
V
IN = 0, AV = 100
±2
mV
1
Input bias current, +IN
+I
B
25°C
±150V
V
IN = 0
±50
pA
1
Input bias current, –IN
–I
B
25°C
±150V
V
IN = 0
±50
pA
1
Input offset current
I
OS
25°C
±150V
V
IN = 0
±100
pA
3
Quiescent current
I
Q
–55°C
±150V
V
IN = 0, AV = 100
28
mA
3
Input offset voltage
V
OS
–55°C
±15V
V
IN = 0, AV = 100
±6.4
mV
3
Input offset voltage
V
OS
–55°C
±150V
V
IN = 0, AV = 100
±4.4
mV
3
Input bias current, +IN
+I
B
–55°C
±150V
V
IN = 0
±50
pA
3
Input bias current, –IN
–I
B
–55°C
±150V
V
IN = 0
±50
pA
3
Input offset current
I
OS
–55°C
±150V
V
IN = 0
±50
pA
2
Quiescent current
I
Q
125°C
±150V
V
IN = 0, AV = 100
28
mA
2
Input offset voltage
V
OS
125°C
±15V
V
IN = 0, AV = 100
±7
mV
2
Input offset voltage
V
OS
125°C
±150V
V
IN = 0, AV = 100
±5
mV
2
Input bias current, +IN
+I
B
125°C
±150V
V
IN = 0
±10
nA
2
Input bias current, –IN
–I
B
125°C
±150V
V
IN = 0
±10
nA
2
Input offset current
I
OS
125°C
±150V
V
IN = 0
±10
nA
4
Output voltage, I
O = 200mA
V
O
25°C
±50V
R
L = 200Ω
40
V
4
Output voltage, I
O = 70mA
V
O
25°C
±150V
R
L = 2KΩ
141
V
4
Output voltage, I
O = 20mA
V
O
25°C
±48V
R
L = 2KΩ
40
V
4
Current limits
I
CL
25°C
±50V
R
CL = 10Ω, RL = 200Ω
60
112
mA
4
Stability/noise
E
N
25°C
±150V
C
C = 68pF, RC = 100Ω, AV = +1, CL = 470pF
1
mV
4
Slew rate
SR
25°C
±150V
R
L = 2KΩ, AV = 100, CC = OPEN
400
V/µs
4
Open loop gain
A
OL
25°C
±150V
R
L = 2KΩ, F = 15Hz, CC = OPEN
96
dB
4
Common-mode rejection
CMR
25°C
±150V
F = DC, V
CM = ±90V
90
dB
6
Output voltage, I
O = 200mA
V
O
–55°C
±50V
R
L = 200Ω
40
V
6
Output voltage, I
O = 70mA
V
O
–55°C
±150V
R
L = 2KΩ
141
V
6
Output voltage, I
O = 20mA
V
O
–55°C
±48V
R
L = 2KΩ
40
V
6
Stability/noise
E
N
–55°C
±150V
C
C = 68pF, RC = 100Ω, AV = +1, CL = 470pF
1
mV
6
Slew rate
SR
–55°C
±150V
R
L = 2KΩ, AV = 100, CC = OPEN
400
V/µs
6
Open loop gain
A
OL
–55°C
±150V
R
L = 2KΩ, F = 15Hz, CC = OPEN
96
dB
6
Common-mode rejection
CMR
–55°C
±150V
F = DC, V
CM = ±90V
90
dB
5
Output voltage, I
O = 150mA
V
O
125°C
±40V
R
L = 200Ω
30
V
5
Output voltage, I
O = 70mA
V
O
125°C
±150V
R
L = 2KΩ
141
V
5
Output voltage, I
O = 20mA
V
O
125°C
±48V
R
L = 2KΩ
40
V
5
Stability/noise
E
N
125°C
±150V
C
C = 68pF, RC = 100Ω, AV = +1, CL = 470pF
1
mV
5
Slew rate
SR
125°C
±150V
R
L = 2KΩ, AV = 100, CC = OPEN
400
V/µs
5
Open loop gain
A
OL
125°C
±150V
R
L = 2KΩ, F = 15Hz, CC = OPEN
96
dB
5
Common-mode rejection
CMR
125°C
±150V
F = DC, V
CM = ±90V
90
dB
BURN IN CIRCUIT
*
These components are used to stabilize device due to
poor high frequency characteristics of burn in board.
** Input signals are calculated to result in internal power
dissipation of approximately 2.1W at case temperature
= 125°C.
*** An additional test is performed manually at
T
C = 25°C which stresses power supply, common mode
range and output swing to ±225V (450V total).
�����
����
����
�����
����
����
�
�
�
�
�
�
�
���
���
�
�
�����
�
����
��������������������������������������������������������������
� � � � � � � � � � � � � � �
��������������������������
�����
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
PA85MU REV A FEBRUARY 1998 © 1998 Apex Microtechnology Corp.


Similar Part No. - PA85M

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA85M CIRRUS-PA85M Datasheet
155Kb / 2P
Table 4 Group A Inspection
More results

Similar Description - PA85M

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA08M APEX-PA08M Datasheet
67Kb / 1P
TABLE 4 GROUP A INSPECTION
logo
Anpec Electronics Corop...
PA09M ANPEC-PA09M Datasheet
66Kb / 1P
TABLE 4 GROUP A INSPECTION
logo
Cirrus Logic
PA10M APEX-PA10M Datasheet
66Kb / 1P
TABLE 4 GROUP A INSPECTION
PA21M APEX-PA21M Datasheet
25Kb / 1P
TABLE 4 GROUP A INSPECTION
PA74M APEX-PA74M Datasheet
67Kb / 1P
TABLE 4 GROUP A INSPECTION
PA241M APEX-PA241M Datasheet
66Kb / 1P
TABLE 4 GROUP A INSPECTION
PA02M CIRRUS-PA02M Datasheet
157Kb / 2P
Table 4 Group A Inspection
PA07M CIRRUS-PA07M Datasheet
143Kb / 2P
Table 4 Group A Inspection
PA10M CIRRUS-PA10M Datasheet
156Kb / 2P
Table 4 Group A Inspection
PA61M CIRRUS-PA61M Datasheet
154Kb / 2P
Table 4 Group A Inspection
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com