Electronic Components Datasheet Search
  English  ▼

X  

PA90 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA90
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA90 Datasheet(HTML) 1 Page - Cirrus Logic

  PA90 Datasheet HTML 1Page - Cirrus Logic PA90 Datasheet HTML 2Page - Cirrus Logic PA90 Datasheet HTML 3Page - Cirrus Logic PA90 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• HIGH VOLTAGE — 400V (±200V)
• LOW QUIESCENT CURRENT — 10mA
• HIGH OUTPUT CURRENT — 200mA
• PROGRAMMABLE CURRENT LIMIT
• HIGH SLEW RATE — 300V/µs
APPLICATIONS
• PIEZOELECTRIC POSITIONING
• HIGH VOLTAGE INSTRUMENTATION
• ELECTROSTATIC TRANSDUCERS
• PROGRAMMABLE POWER SUPPLIES UP TO 390V
DESCRIPTION
The PA90 is a high voltage, low quiescent current MOSFET
operational amplifier designed as a low cost solution for driving
continuous output currents up to 200mA and pulse currents
up to 350mA. The safe operating area (SOA) has no second
breakdown limitations and can be observed for all type loads by
choosing an appropriate current limiting resistor. The MOSFET
output stage is biased AB for linear operation. External com-
pensation provides flexibility in choosing bandwidth and slew
rate for the application. APEX’s Power SIP package uses a
minimum of board space allowing for high density circuit boards.
The 12-pin PowerSIP package is electrically isolated.
EQUIVALENT SCHEMATIC
��
��
�� ��
��
��
��
���
��
��
�
�
�
�
�
��
�
�
�
���
�
��
��
��
��
��
���
���
���
���
���
��
��
��
��
����
���
���
���
���
���
���
���
���
���
��
��
����
����
TYPICAL APPLICATION
LOW POWER, PIEZOELECTRIC POSITIONING
Piezo positioning may be applied to the focusing of segment-
ed mirror systems. The composite mirror may be composed of
hundreds of elements, each requiring focusing under computer
control. In such complex systems the PA90 reduces the costs
of power supplies and cooling with its advantages of low cost
and low quiescent power consumption while increasing circuit
density with the SIP package.
PHASE COMPENSATION
GAIN
C
C*
R
C
≥1
68pF
100Ω
≥5
10pF
100Ω
≥10
4.7pF
0Ω
≥30
NONE
0Ω
*C
C To be rated for the full supply voltage +V to –Vs. Use NPO
ceramic (COG) type.
EXTERNAL CONNECTIONS
��������������������������������������������������������������
� � � � � � � � � � � � � � �
�����������������������������������������
����
�
�
����
��
�
�
�
�
���
����
�����
�����������
�
��
�
��
���
�
��������
�����
�������
�������
��
�
�
�
�
�
�
�
�
�
�
��
���
���
���
���
���
�������
������������
��
��
��
��
�
�
�����������
���������������������
��
12-PIN SIP
PACKAGE STYLE DP
Formed leads available
with package styles ED & EE


Similar Part No. - PA90

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA90 CIRRUS-PA90 Datasheet
213Kb / 6P
High Voltage Power Operational Amplifiers
PA90 CIRRUS-PA90 Datasheet
676Kb / 6P
High Voltage Power Operational Amplifiers
logo
Greenlee Communications
PA9010531 GREENLEE-PA9010531 Datasheet
10Mb / 108P
COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PA901066 GREENLEE-PA901066 Datasheet
83Kb / 1P
KIT LAN PRO-NAVIGATOR LAN ProNavigator test set (main & remote)
PA901081 GREENLEE-PA901081 Datasheet
10Mb / 108P
COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
More results

Similar Description - PA90

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 APEX-PA94 Datasheet
224Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
High Voltage Power Operational Amplifiers
PA15FL APEX-PA15FL Datasheet
275Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
High Voltage Power Operational Amplifiers
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
High Voltage Power Operational Amplifiers
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
High Voltage Power Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com