Electronic Components Datasheet Search
  English  ▼

X  

QLSP19WNH Datasheet(PDF) 2 Page - Quelighting Corp

Part # QLSP19WNH
Description  This high output reflector type 2835S LEDs are available in warm white / neutral white / pure white / and cold white to suit customer?셲 application.
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLSP19WNH Datasheet(HTML) 2 Page - Quelighting Corp

  QLSP19WNH Datasheet HTML 1Page - Quelighting Corp QLSP19WNH Datasheet HTML 2Page - Quelighting Corp QLSP19WNH Datasheet HTML 3Page - Quelighting Corp QLSP19WNH Datasheet HTML 4Page - Quelighting Corp QLSP19WNH Datasheet HTML 5Page - Quelighting Corp QLSP19WNH Datasheet HTML 6Page - Quelighting Corp QLSP19WNH Datasheet HTML 7Page - Quelighting Corp QLSP19WNH Datasheet HTML 8Page - Quelighting Corp QLSP19WNH Datasheet HTML 9Page - Quelighting Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1
QLSP19WXH-251 V1.4
◼ Product Outline:
This high output reflector type 2835S LEDs are available in warm white / neutral white / pure
white / and cold white to suit customer’s application. These 0.5W LEDs are equipped with
heat sink to enhance operating performance. With special binning technology, these LEDs
are ideal for architecture lighting and special lighting needs.
◼ Features:
• High brightness output @ 150mA
• Max. current @ 180mA
• Package Dimension = 3.5mmX2.8mmX0.68mm
• CRI = 80 and above
• Available in white color
• ANSI binning
• RoHS compliant
• Custom Bin available upon special request
◼ Application:
• Architecture Lighting
• Tube Lighting
• Interior Lighting
• General Lighting
Compliance and Certification:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com