Electronic Components Datasheet Search
  English  ▼

X  

QLSP19WNK Datasheet(PDF) 14 Page - Quelighting Corp

Part # QLSP19WNK
Description  This high output reflector type 2835S LEDs are available in warm white / neutral white / pure white / and cold white to suit customer?셲 application. These 0.2W LEDs are equipped with heat sink to enhance operating performance.
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLSP19WNK Datasheet(HTML) 14 Page - Quelighting Corp

Back Button QLSP19WNK Datasheet HTML 6Page - Quelighting Corp QLSP19WNK Datasheet HTML 7Page - Quelighting Corp QLSP19WNK Datasheet HTML 8Page - Quelighting Corp QLSP19WNK Datasheet HTML 9Page - Quelighting Corp QLSP19WNK Datasheet HTML 10Page - Quelighting Corp QLSP19WNK Datasheet HTML 11Page - Quelighting Corp QLSP19WNK Datasheet HTML 12Page - Quelighting Corp QLSP19WNK Datasheet HTML 13Page - Quelighting Corp QLSP19WNK Datasheet HTML 14Page - Quelighting Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
13
QLSP19WXK-255 V1.1
Revision History:
Revision Date:
Changes:
Version #:
03-10-2020
Initial release
1.0
08-25-2021
Upgrade the performance
1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com