Electronic Components Datasheet Search
  English  ▼

X  

S8205A Datasheet(PDF) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # S8205A
Description  Dual N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

S8205A Datasheet(HTML) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

  S8205A Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co S8205A Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co S8205A Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co S8205A Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co S8205A Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co S8205A Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
MOSFET ELECTRICAL CHARACTERISTICS
Ta =25 ℃ unless otherwise specified
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23-6 Plastic-Encapsulate MOSFETS
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
STATIC CHARACTERICTISCS
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =250µA
20
V
Zero gate voltage drain current
IDSS
VDS =18V,VGS = 0V
500
nA
Gate-body leakage current
IGSS
VGS =±12V, VDS = 0V
±100
nA
Gate threshold voltage (note 3)
VGS(th)
VDS =VGS, ID =250µA
0.
5
V
Drain-source on-resistance (note 3)
RDS(on)
VGS =4.5V, ID =5A
mΩ
VGS =2.5V, ID =4A
30
mΩ
Forward tranconductance (note 3)
gFS
VDS =5V, ID =5A
10
S
Diode forward voltage (note 3)
VSD
IS=1.25A, VGS = 0V
1.2
V
DYNAMIC CHARACTERICTISCS (note4)
Input Capacitance
Ciss
800
pF
Output Capacitance
Coss
155
pF
Reverse Transfer Capacitance
Crss
125
pF
SWITCHING CHARACTERICTISCS (note 4)
Turn-on delay time
td(on)
VDD=10V,VGS=4V,
ID=1A,RGEN=10Ω
18
ns
Turn-on rise time
tr
4.8
ns
Turn-off delay time
td(off)
43.5
ns
Turn-off fall time
tf
20
ns
Total Gate Charge
Qg
VDS =10V,VGS =4.5V,ID=4A
11
nC
Gate-Source Charge
Qgs
2.2
nC
Gate-Drain Charge
Qgd
2.5
nC
Notes :
1.Repetitive rating:Pluse width limited by maximum junction temperature
2.Surface Mounted on FR4 board,t≤10 sec.
3. Pulse test : Pulse width≤300μs, duty cycle≤2%.
4. Guaranteed by design, not subject to production.
1.0
S
8205A
24
19
22
www.sztuofeng.com
0.7
VDS =10V,VGS =0V,f =1MHz
Apr,2021 V1.1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com