Electronic Components Datasheet Search
  English  ▼

X  

ADM7008 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # ADM7008
Description  Octal Ethernet 10/100M PHY
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ADM7008 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button ADM7008 Datasheet HTML 35Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 36Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 37Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 38Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 39Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 40Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 41Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 42Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
ADM7008
Function Description
3.1.9 Transmit Driver and Receiver
The ADM7008 integrates all the required signal conditioning functions in its 10Base-T
block such that external filters are not required. Only one isolation transformer and
impedance matching resistors are needed for the 10Base-T transmit and receive interface.
The internal transmit filtering ensures that all the harmonics in the transmission signal are
attenuated properly.
3.1.10 Smart Squelch
The smart squelch circuit is responsible for determining when valid data is present on the
differential receive. The ADM7008 implements an intelligent receive squelch on the
RXP/RXN differential inputs to ensure that impulse noise on the receive inputs will not
be mistaken for a valid signal. The squelch circuitry employs a combination of amplitude
and timing measurements (as specified in the IEEE 802.3 10Base-T standard) to
determine the validity of data on the twisted-pair inputs.
The signal at the start of the packet is checked by the analog squelch circuit and any
pulses not exceeding the squelch level (either positive or negative, depending upon
polarity) will be rejected. Once this first squelch level is overcome correctly, the
opposite squelch level must then be exceeded within 150ns. Finally, the signal must
exceed the original squelch level within an additional 150ns to ensure that the input
waveform will not be rejected.
Only after all these conditions have been satisfied will a control signal be generated to
indicate to the remainder of the circuitry that valid data is present.
Valid data is considered to be present until the squelch level has not been generated for a
time longer than 200 ns, indicating end of packet. Once good data has been detected, the
squelch levels are reduced to minimize the effect of noise, causing premature end-of-
packet detection. The receive squelch threshold level can be lowered for use in longer
cable applications. This is achieved by setting bit 7 of register address 10h.
3.1.11 Carrier Sense
Carrier Sense (CRS) is asserted due to receive activity once valid data is detected via the
smart squelch function. For 10 Mbps half duplex operation, CRS is asserted during either
packet transmission or reception. For 10 Mbps full duplex and repeater mode operations,
the CRS is asserted only due to receive activity.85
ADMtek Inc.
3-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com