Electronic Components Datasheet Search
  English  ▼

X  

TF207P Datasheet(PDF) 6 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF207P
Description  P-Channel -20V(D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF207P Datasheet(HTML) 6 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF207P Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF207P Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF207P Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF207P Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF207P Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co TF207P Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.sztuofeng.com
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
6
SOT-23-3L Package Outline Dimensions
SOT-23-3L Suggested Pad Layout
SOT-23-3L Plastic-Encapsulate MOSFETS
Min.
Max.
Min.
Max.
A
1.050
1.250
0.041
0.049
A1
0.000
0.100
0.000
0.004
A2
1.050
1.150
0.041
0.045
b
0.300
0.500
0.012
0.020
c
0.100
0.200
0.004
0.008
D
2.820
3.020
0.111
0.119
E1
1.500
1.700
0.059
0.067
E
2.650
2.950
0.104
0.116
e
e1
1.800
2.000
0.071
0.079
L
0.300
0.600
0.012
0.024
0°8°0°
8°
Symbol
Dimensions In Millimeters
Dimensions In Inches
0.950(BSC)
0.037(BSC)
TF207P
Dec 2020 V1.1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com