Electronic Components Datasheet Search
  English  ▼

X  

TF2300 Datasheet(PDF) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF2300
Description  N-Channel 20-V(D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF2300 Datasheet(HTML) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF2300 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF2300 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF2300 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF2300 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF2300 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co TF2300 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
VGS=0V,ID=250uA
20
V
Zero Gate Voltage Drain Current
IDSS
VDS=
16V,VGS=0V
1
uA
Gate-Body Leakage
IGSS
VGS= 10V,VDS=0V
100
nA
Gate Threshold Voltage *
VGS(th) VGS=VDS,ID=250uA
0.
5
0.65
1.
0
V
VGS=4.5V,ID=
5.0A
22
25 m
VGS=2.5V,ID=
4.0A
30
32 m
On-State Drain Current *
ID(ON)
VDS=5V,VGS=4.5V
5
A
Forward Transconductance *
gFS
VDS=
15V,ID= 5A
30
S
Input Capacitance
CISS
888
pF
Output Capacitance
COSS
144
pF
Reverse Transfer Capacitance
CRSS
115
pF
Turn-On Delay Time
tD(on)
31.8
ns
Rise Time
tr
14.5
ns
Turn-Off Delay Time
tD(off)
50.3
ns
Fall Time
tf
31.9
ns
Total Gate Charge
Qg
16.8
nC
Gate-S ource Charge
Qgs
2.5
nC
Gate-Drain Charge
Qgd
5.4
nC
Drain-Source Diode Forward Current *
IS
1.25
A
Diode Forward Voltage
VSD
VGS=0V,IS=1.25A
0.825
1.
3
V
* Pulse Test:Pulse Width 300 ,Duty Cycle 2%
VDS = 10V, ID =3.5A,VGS =4.5V
RDS(ON)
Drain- Source on-state Resistance *
VDD=10V,ID=1A,VGS=4.5V,RL=10
,RGEN=6
VDS = 15V, VGS = 0V,f =1.0MHZ
SMD Type
IC
SMD Type
MOSFET
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate MOSFETS
TF2300
www.sztuofeng.com
Feb,2018 V1.0
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com