Electronic Components Datasheet Search
  English  ▼

X  

TF30115 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF30115
Description  N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF30115 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF30115 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF30115 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF30115 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF30115 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF30115 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co TF30115 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page 1
N-Channel Enhancement Mode Power MOSFET
Description
The TF30115 uses advanced trench technology to
provide excellent RDS(ON), low gate charge and operation
with gate voltages as low as 4.5V.
General Features
●
VDS = 30V ,ID = 115A
RDS(ON) < 6.0mΩ @ VGS=4.5V
RDS(ON) < 4.0mΩ @ VGS=10V
●
High power and current handing capability
●
Lead free product is acquired
●
Surface mount package
Application
●
Battery Switch
●
Load switch
●
Power management
S
Schematic diagram
Pin assignment
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
TA =25℃
115
Continuous Drain Current (TJ =150℃)
TA =70℃
ID
25
A
Drain Current-Pulsed
(Note 1)
IDM
180
A
Maximum Power Dissipation
PD
60
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
Thermal Characteristic
Thermal Resistance,Junction-to-Ambient
(Note 2)
RθJA
2.0
/W
℃
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
PDFN 5x6 Plastic-Encapsulate MOSFETS
TF30115
TF
30115
CYWP
S
S S
G
D
D
D
D
Pin 1
PIN1
Top View
BottomView
PDFN5X6-8L
Y :year code W :week code
www.sztuofeng.com
Jun 2020 V1.0
D
G


Similar Part No. - TF30115

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TF301 ETC2-TF301 Datasheet
131Kb / 4P
3.0A Fast Recovery Rectifier
logo
TAITRON Components Inco...
TF301 TAITRON-TF301 Datasheet
131Kb / 4P
3.0A Fast Recovery Rectifier
logo
Riedon Powertron
TF3010A RIEDON-TF3010A Datasheet
195Kb / 2P
Thick Film Resistor Networks
TF3010B RIEDON-TF3010B Datasheet
195Kb / 2P
Thick Film Resistor Networks
logo
TAITRON Components Inco...
TF301G TAITRON-TF301G Datasheet
128Kb / 4P
3.0A Glass Passivated Fast Recovery Rectifier
More results

Similar Description - TF30115

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com