Electronic Components Datasheet Search
  English  ▼

X  

TF3404 Datasheet(PDF) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF3404
Description  N-Channel 30-V(D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF3404 Datasheet(HTML) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF3404 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF3404 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF3404 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF3404 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF3404 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co TF3404 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.sztuofeng.com
Feb,2018 V1.0
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate MOSFETS
2
MOSFET ELECTRICAL CHARACTERISTICS
Ta =25 ℃ unless otherwise specified
Parameter
Symbol
Test Condition
Min
Typ
Max Units
Static
Drain-source breakdown voltage
V(BR)DSS VGS = 0V, ID = 250µA
30
V
Gate-source threshold voltage
VGS(th)
VDS =VGS, ID = 250µA
1.2
1.6
2.4
Gate-source leakage
IGSS
VDS =0V, VGS =±20V
±100
nA
Zero gate voltage drain current
IDSS
VDS =24V, VGS =0V
100
A
Drain-source on-state resistance a
RDS(on)
VGS =4.5V, ID =5A
0. 32
0
0.035
Ω
Forward transconductance a
gfs
VDS =5V, ID =5A
15
-
S
Dynamicb
Input capacitance
Ciss
255
VDS =15V,VGS =0V,f =1MHz
pF
Output capacitance
Coss
45
Reverse transfer capacitance
Crss
35
Total gate charge
Qg
5
.
.2
nC
VDS =15V,VGS =10V ,ID =5.0A
Gate-source charge
Gate-drain charge
Turn-on delay time
td(on)
VDD=15V,RL =3
4.5
Rise time
tr
2.5
.
VGS=10V ,Rgen =3Ω
ns
Turn-off delay time
td(off)
14.5
Fall time
tf
3.5
Drain-source body diode characteristics
Continuous source-drain diode current
IS
TC=25
℃
2.5
A
Body diode voltage
VSD
IS=1.0A
0.7
1.0
V
Notes :
a.Pulse Test : Pulse Width < 300µs, Duty Cycle ≤2%.
b.Guaranteed by design, not subject to production testing.
Qgs
Qgd
0 85
1.3
n
VGS =10V, ID =5.8A
0.023
0.025
-
Ω
TF3404
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com