Electronic Components Datasheet Search
  English  ▼

X  

TF8205C Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF8205C
Description  Dual N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF8205C Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF8205C Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF8205C Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF8205C Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF8205C Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF8205C Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co TF8205C Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.sztuofeng.com
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
1
V(BR)DSS
RDS(on)MAX
ID
16V
0.025 Ω @ 4.5V
5.0A
0.030 Ω @ 2.5V
MARKING
Equivalent Circuit
SOT-23-6 Plastic-Encapsulate MOSFETS
FEATURE
TrenchFET Power MOSFET
Excellent RDS(on)
Low Gate Charge
High Power and Current Handing Capability
Surface Mount Package
APPLICATION
Battery Protection
Load Switch
Power Management
SOT-23-6
ABSOLUTE MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
16
Gate-Source Voltage
VGS
±10
V
Continuous Drain Current
ID
A
Pulsed Drain Current (note 1)
IDM
10
A
Thermal Resistance from Junction to Ambient (note 2)
RθJA
100
℃/W
Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
-55~+150
℃
Lead Temperature for Soldering Purposes(1/8’’ from case for 10 s)
TL
260
℃
V
5
Max
Y :year code W :week code
TF
8205C Dual N-Channel MOSFET
TF
8205C
8205C
W
Y
2022 V1.0


Similar Part No. - TF8205C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tuofeng Semico...
TF8205 TUOFENG-TF8205 Datasheet
3Mb / 6P
Plastic-Encapsulate MOSFETS
Dec 2021 V1.0
TF8205A TUOFENG-TF8205A Datasheet
2Mb / 6P
TF8205A Dual N-Channel MOSFET
Feb,2018 V1.1
TF8205A TUOFENG-TF8205A_V01 Datasheet
2Mb / 6P
Plastic-Encapsulate MOSFETS
Apr,2022 V1.1
TF8205A_V1.1 TUOFENG-TF8205A_V1.1 Datasheet
2Mb / 6P
Dual N-Channel MOSFET
Apr,2022 V1.1
TF8205 TUOFENG-TF8205_V01 Datasheet
1Mb / 6P
Plastic-Encapsulate MOSFETS
Oct 2020 V1.1
More results

Similar Description - TF8205C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
KI8810DY KEXIN-KI8810DY Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4828-HF KEXIN-AO4828-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
AO4832-HF KEXIN-AO4832-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4862 KEXIN-AO4862 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4862-HF KEXIN-AO4862-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com