Electronic Components Datasheet Search
  English  ▼

X  

HAL11X Datasheet(PDF) 17 Page - Micronas

Part # HAL11X
Description  Hall Effect Sensor Family
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL11X Datasheet(HTML) 17 Page - Micronas

Back Button HAL11X Datasheet HTML 9Page - Micronas HAL11X Datasheet HTML 10Page - Micronas HAL11X Datasheet HTML 11Page - Micronas HAL11X Datasheet HTML 12Page - Micronas HAL11X Datasheet HTML 13Page - Micronas HAL11X Datasheet HTML 14Page - Micronas HAL11X Datasheet HTML 15Page - Micronas HAL11X Datasheet HTML 16Page - Micronas HAL11X Datasheet HTML 17Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
Micronas
page 1 of 1
Subject:
Data Sheet Concerned:
Supplement:
Edition:
Data Sheet Supplement
Changes:
– position tolerance of the sensitive area reduced
– tolerances of the outline dimensions reduced
– thickness of the leadframe changed to 0.15 mm (old 0.125 mm)
– SOT-89A will be discontinued in December 2000
Position of sensitive area
Note: A mechanical tolerance of
±0.05 mm applies to all dimensions where no tolerance is explicitly given.
Position tolerance of the sensitive area is defined in the package diagram.
HAL 114, 115
HAL 50x, 51x
HAL 621, 629
HAL 55x, HAL 56x
x
center of the package
center of the package
y
0.95 mm nominal
0.85 mm nominal
min.
0.25
2.55
0.4
0.4
0.4
1.5
3.0
0.06 ±0.04
branded side
SPGS0022-5-A3/2E
y
12
3
4 ±0.2
0.15
0.3
4.55
1.7
2
∅ 0.2
sensitive area
top view
1.15
Improvement of SOT-89B Package
HAL 114, 115, 6251-456-2DS, Dec. 20, 1999
HAL 50x, 51x, 6251-485-1DS, Feb. 16, 1999
HAL 55x, 56x, 6251-425-1DS, April 6, 1999
HAL 621, 629, 6251-504-1DS, Feb. 3, 2000
No. 1/ 6251-531-1DSS
July 4, 2000
HAL 11x, HAL 5xx, HAL 62x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com