Electronic Components Datasheet Search
  English  ▼

X  

HAL114 Datasheet(PDF) 5 Page - Micronas

Part # HAL114
Description  Hall Effect Sensor Family
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL114 Datasheet(HTML) 5 Page - Micronas

  HAL114 Datasheet HTML 1Page - Micronas HAL114 Datasheet HTML 2Page - Micronas HAL114 Datasheet HTML 3Page - Micronas HAL114 Datasheet HTML 4Page - Micronas HAL114 Datasheet HTML 5Page - Micronas HAL114 Datasheet HTML 6Page - Micronas HAL114 Datasheet HTML 7Page - Micronas HAL114 Datasheet HTML 8Page - Micronas HAL114 Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
HAL11x
5
Micronas
3. Specifications
3.1. Outline Dimensions
Fig. 3–1:
Plastic Small Outline Transistor Package
(SOT-89A)
Weight approximately 0.04 g
Dimensions in mm
min.
0.25
4.55 ±0.1
2.6 ±0.1
0.4
0.4
1.7
0.4
1.5
3.0
0.06 ±0.04
branded side
SPGS7001-7-A3/2E
sensitive area
top view
y
12
3
2
4 ±0.2
1.53 ±0.05
0.125
0.7
x1
x2
Note: The SOT-89A package will be discontinued in
2000 and be replaced by the SOT-89B package.
Fig. 3–2:
Plastic Small Outline Transistor Package
(SOT-89B)
Weight approximately 0.035 g
Dimensions in mm
min.
0.25
2.55 ±0.1
0.4
0.4
0.4
1.5
3.0
0.06 ±0.04
branded side
SPGS0022-3-A3/2E
sensitive area
top view
y
12
3
4 ±0.2
1.15 ±0.05
0.125
0.3
4.55 ±0.1
1.7
2
x1
x2
Fig. 3–3:
Plastic Transistor Single Outline Package
(TO-92UA)
Weight approximately 0.12 g
Dimensions in mm
sensitive area
0.55
branded side
0.36
0.8
0.3
45
°
y
14.0
min.
1.27
1.27
(2.54)
12
3
0.42
1.5 ±0.05
4.06 ±0.1
3.05 ±0.1
0.48
SPGS7002-7-A/2E
x2
x1
Note: For all package diagrams, a mechanical tolerance
of
±50 µm applies to all dimensions where no tolerance
is explicitly given.
3.2. Dimensions of Sensitive Area
0.4 mm x 0.2 mm
3.3. Positions of Sensitive Areas
SOT-89A
SOT-89B
TO-92UA
|x2 – x1| / 2 < 0.2 mm
y = 0.98 mm
± 0.2 mm
y = 0.95 mm
± 0.2 mm
y = 1.0 mm
± 0.2 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com