Electronic Components Datasheet Search
  English  ▼

X  

SA56 Datasheet(PDF) 7 Page - Cirrus Logic

Part # SA56
Description  PULSE WIDTH MODULATION AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

SA56 Datasheet(HTML) 7 Page - Cirrus Logic

  SA56 Datasheet HTML 1Page - Cirrus Logic SA56 Datasheet HTML 2Page - Cirrus Logic SA56 Datasheet HTML 3Page - Cirrus Logic SA56 Datasheet HTML 4Page - Cirrus Logic SA56 Datasheet HTML 5Page - Cirrus Logic SA56 Datasheet HTML 6Page - Cirrus Logic SA56 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
7
PR
EL
IM
IN
AR
Y
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
SA56U REV 10 MARCH 2006 © 2006 Apex Microtechnology Corp.
PROTECTION CIRCUITS
Thermal and short circuit protection are included in the
SA56 to prevent damage during fault conditions. High current
protection circuits will sense a direct short from either output
to GND or Vs as well as across the load. The thermal protec-
tion will engage when the temperature of the MOSFETs reach
approximately 160°C. The FAULT output pin will go "HIGH" if
either protection circuits engages and will place all MOSFETs
in the "OFF" state (high impedance output). The SC or T
LIM
output will also go "HIGH", to indicate which of the protection
features has been triggered. The fault going high disables the
4 output transistors. To reset the fault condition, cycle the V
DD
power or bring the DISABLE pin "HIGH" then "LOW".
The most severe condition for any power device is a direct,
hard-wired ("screwdriver") short from an output to ground.
While the short circuit protection will latch the output MOSFETs
within 250ns (typical) the die and package may be required
to dissipate up to 600 Watts of power until the protection is
engaged. This energy can be destructive, particularly at higher
operating voltages, so good thermal design is critical if such
fault tolerance is required of the system.
PROGRAMMABLE CURRENT LIMIT
The ISEN pin sources a current proportional to the forward
output current of the active P channel output MOSFET. The
proportionality is 300µA (nom) per ampere of output current.
The ISEN output is blocked during the switching transitions
when current spikes can be significant.
To create a programmable current limit, connect a resis-
tor from ISEN out to GND. When the voltage across this
resistor exceeds internally generated 2.75V threshold, all 4
output MOSFETs will be turned off for the remainder of the
switching cycle. A 2.75KΩ resistor will set the current limit to
approximately 5 Amps.
The ISEN output can also be used for maintaining a current
control loop in torque motor applications.
OPERATING
CONSIDERATIONS
SA56
CURRENT SENSE LINEARITY CALCULATION
The current sense linearity is calculated using the method
described below:
a) Define straight line (y = mx + c) joining the two end data
points where, m is the slope and c is the offset or zero
crossover. Calculate the slope m and offset c using the
extreme data points. Assume Isense in the y axis and Iload
in the x axis.
b) Calculate linear Isense (or ideal Isense value, IS
IDEAL) using
the straight line equation derived in step (a) for the Iload
data points.
c) Determine deviation from linear Isense (step (b)) and actual
measured Isense value (IS
ACTUAL) as shown below:
IC REV C ERRATA INFORMATION
This document describes the errata information for SA56 rev
C full H-Bridge DC motor driver. Rev C parts can be identified
by date code 0206 marked on the EX package.
Errata Number
and Date
Description
Impact
1
Dated: 3/3/06
TLIM pin:
This pin is mod-
ified to serve
as a flag for
any fault occur-
rence including
short-circuit,
over current
and over tem-
perature.
Impact:
Grounding the TLIM pin
disables all fault protec-
tion mechanisms in the
SA56 including SC, over
current and over temp.
This pin should be left
floating at all times un-
less the user desires
to disable all protection
mechanisms.
Note: The errata items described in the table above are
strictly for beta samples and will be rectified to conform to
SA56U specifications for the production parts.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com