Electronic Components Datasheet Search
  English  ▼

X  

GS2MU3N Datasheet(PDF) 2 Page - Schneider Electric

Part # GS2MU3N
Description  TeSys GS - switch-disconnector-fuse - 3 P - UL - 200 A- fuse size J
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GS2MU3N Datasheet(HTML) 2 Page - Schneider Electric

  GS2MU3N Datasheet HTML 1Page - Schneider Electric GS2MU3N Datasheet HTML 2Page - Schneider Electric GS2MU3N Datasheet HTML 3Page - Schneider Electric GS2MU3N Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical durability
6000 cycles
Connections - terminals
Power circuit lugs-ring terminals 0.02…0.24 in² (16…152 mm²)
Tightening torque
Power circuit 75.23 lbf.in (8.5 N.m)
Environment
Standards
UL98
CSA C22.2 No 4
IP degree of protection
IP20 IEC 60529 with terminal cover)
Ambient Air Temperature for
Operation
-4…158 °F (-20…70 °C)
Ambient Air Temperature for
Storage
-40…176 °F (-40…80 °C)
Fire resistance
1760 °F (960 °C) body
Height
7.68 in (195 mm)
Width
7.72 in (196.2 mm)
Depth
5.12 in (130 mm)
Ordering and shipping details
Category
22640-IEC DISCONNECT-GS1,LK3
Discount Schedule
I11
GTIN
3606480512360
Nbr. of units in pkg.
1
Package weight(Lbs)
7.78 lb(US) (3.53 kg)
Returnability
Yes
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
5.71 in (14.5 cm)
Package 1 width
9.65 in (24.5 cm)
Package 1 Length
12.60 in (32 cm)
Unit Type of Package 2
P06
Number of Units in Package 2
12
Package 2 Weight
122.00 lb(US) (55.336 kg)
Package 2 Height
29.53 in (75 cm)
Package 2 width
31.50 in (80 cm)
Package 2 Length
23.62 in (60 cm)
Unit Type of Package 3
S04
Number of Units in Package 3
3
Package 3 Weight
25.54 lb(US) (11.584 kg)
Package 3 Height
11.81 in (30 cm)
Package 3 width
15.75 in (40 cm)
Package 3 Length
23.62 in (60 cm)
2
Jun 30, 2022



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com