Electronic Components Datasheet Search
  English  ▼

X  

LLSRK Datasheet(PDF) 1 Page - Littelfuse

Part # LLSRK
Description  CLASS RK1 ??LLNRK ??LLSRK ??LLSRK_ID SERIES FUSES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LLSRK Datasheet(HTML) 1 Page - Littelfuse

  LLSRK Datasheet HTML 1Page - Littelfuse LLSRK Datasheet HTML 2Page - Littelfuse LLSRK Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWR-GARD® Fuse Datasheet
© 2022 Littelfuse POWR-GARD® Products
Rev: 1-A-052022
littelfuse.com
1 of 3
CLASS RK1 – LLNRK • LLSRK • LLSRK_ID SERIES FUSES
250/600 Vac • Dual Element • Time-Delay • 1/10-600 A
Description
RK1 fuses are extremely current-limiting fuses meaning they
greatly reduce or eliminate damage to circuits and equipment under
short-circuit conditions. Replacing existing Class H, K and RK5 fuses
with RK1 fuses is one of the easiest ways to immediately improve
the protection of plant workers and equipment.
Applications
• All general purpose circuits
• Motors
• Transformers
• Safety upgrades
Features/Benefits
• POWR-PRO Performance
• Indication available
• Dual-element design
• Extremely Current-Limiting
• IEC Type 2 “No Damage” protection to IEC and NEMA
type motor starters
• Indicating and DIN mount fuse holders available
Specifications
Voltage Ratings
600 Vac/300 Vdc (LLSRK/LLSRK_ID)
250 Vac/125 Vdc (LLNRK)
Interrupting Ratings
AC: 200 kA rms symmetrical
300 kA rms symmetrical
(Littelfuse self-certified)
DC: 20 kA
Ampere Range
1/10 – 600 A
Approvals
AC: Standard 248-12, Class RK1
UL Listed (File: E81895)
CSA Certified (File: LR29862)
DC: Littelfuse self-certified
Federal Specification WF-1814
(QPL- W-F-1814)
AMPERE RATINGS
1
/10
1
2 8/10
6 1/4
25
80
250
15
/100
1 1/8
3
7
30
90
300
2
/10
1 1/4
3 2/10
8
35
100
350
1
/4*
1 4/10
3 1/2
9
40
110
400
3
/10
1 6/10
4
10
45
125
450
4
/10
1 8/10
4 1/2
12
50
150
500
1
/2
2
5
15
60
175
600
6
/10
2 1/4
5 6/10
17 1/2
70
200
8
/10
2 1/2
6
20
75*
225
Note: All LLSRK_ID fuses rated 1 amp and above are Indicator® fuses.
*Ampere rating only available for the 600 V.
Web Resources
Download TC Curves, CAD drawings and other technical
information: littelfuse.com/llsrk
littelfuse.com/llnrk
Recommended Fuse Holders
LFR60 Series • LFR25 Series
1,000
10,000
100,000
600A -
400A -
200A -
100A -
60A -
30A -
12A -
5A -
3.5A -
10
100
10
100
1,000
10,000
100,000
AVAILABLE FAULT CURRENT
SYMMETRICAL R.M.S. AMPERES
BASIS FOR DATA:
TEST VOLTAGE: 600V
TIME CONSTANT/POWER FACTOR:
FUSE CATALOG NUMBER:
DRAWN BY:
DATE:
REVISION:
DRAWING NO.:
SHEET
PEAK LET‐THRU CHARACTERISTIC CURVES
LITTELFUSE, INC.
CHICAGO, IL. USA
LLL
03/14/2016
A
2 OF 6
FCC05-LSRK
LLSRK & LLSRKID 3.5A - 600A
- DATA GENERATED IN EXCEL -
Peak Let-Thru Curve (600 V)
Note: For more information, see Peak Let-Thru Table
Dimensions
Please refer to the Class R dimensions page 3.
Ordering Information
TYPE
SERIES
AMP
CATALOG
NUMBER
ORDERING
NUMBER
INDICATING
LLSRK_ID
60
LLSRK060ID
LSRK060.TXID
NON-INDICATING
LLSRK
60
LLSRK060
LSRK060.T
600 V
250 V
TYPE
SERIES
AMP
CATALOG
NUMBER
ORDERING
NUMBER
NON-INDICATING
LLNRK
80
LLNRK080
LNRK080.V
LLSRK & LLSRKID
QPL


Similar Part No. - LLSRK

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LLSRK060 LITTELFUSE-LLSRK060 Datasheet
494Kb / 3P
CLASS RK1 ??LLNRK ??LLSRK ??LLSRK_ID SERIES FUSES
LLSRK060 LITTELFUSE-LLSRK060 Datasheet
421Kb / 3P
CLASS RK1 ? LLNRK ? LLSRK ? LLSRK_ID SERIES FUSES
Rev: 1-A-031716
LLSRK060ID LITTELFUSE-LLSRK060ID Datasheet
494Kb / 3P
CLASS RK1 ??LLNRK ??LLSRK ??LLSRK_ID SERIES FUSES
LLSRK060ID LITTELFUSE-LLSRK060ID Datasheet
421Kb / 3P
CLASS RK1 ? LLNRK ? LLSRK ? LLSRK_ID SERIES FUSES
Rev: 1-A-031716
More results

Similar Description - LLSRK

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LLNRK LITTELFUSE-LLNRK Datasheet
189Kb / 3P
LLNRK/LLSRK Series POWR-PRO Class RK1
logo
Cooper Bussmann, Inc.
LPN-RK-70SP COOPER-LPN-RK-70SP Datasheet
78Kb / 2P
Dual-Element Time-Delay Fuses Class RK1-250 Volts AC/DC
logo
Littelfuse
JLS LITTELFUSE-JLS Datasheet
415Kb / 2P
CLASS J JLS SERIES FUSES
KLSR LITTELFUSE-KLSR Datasheet
373Kb / 2P
CLASS RK1-KLNR KLSR SERIES FUSES
LLNRK-ID LITTELFUSE-LLNRK-ID Datasheet
503Kb / 3P
CLASS RK1-LLNRK LLSRK LLSRK ID SERIES FUSES
logo
Cooper Bussmann, Inc.
KTN-R-1 COOPER-KTN-R-1 Datasheet
317Kb / 3P
Limitron짰 fast-acting, RK1 ??250 volt fuses
KWN-R-1 COOPER-KWN-R-1 Datasheet
1Mb / 4P
250V KWN-R and 600V KWS-R Class RK1 fuses
logo
List of Unclassifed Man...
KWN-R-1 ETC1-KWN-R-1 Datasheet
1Mb / 4P
250V KWN-R and 600V KWS-R Class RK1 fuses
logo
Littelfuse
LLNRK LITTELFUSE-LLNRK_16 Datasheet
494Kb / 3P
CLASS RK1 ??LLNRK ??LLSRK ??LLSRK_ID SERIES FUSES
LSRK015-T LITTELFUSE-LSRK015-T Datasheet
421Kb / 3P
CLASS RK1 ? LLNRK ? LLSRK ? LLSRK_ID SERIES FUSES
Rev: 1-A-031716
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com