Electronic Components Datasheet Search
  English  ▼

X  

01500274Z Datasheet(PDF) 1 Page - Littelfuse

Part # 01500274Z
Description  150 Series In-Line Fuseholders for 2AG or 5횞20mm Fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

01500274Z Datasheet(HTML) 1 Page - Littelfuse

  01500274Z Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fuseholder Datasheet
© 2021 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 06/02/21
1
150 Series
In-Line Fuseholders for 2AG or 5×20mm Fuses
RoHS
Pb
Dimensions [mm]
WIRE: Red #16GPT Length 330 (13") REF.
47.5±1
(1.87±0.039")
11.0
(.43")
DIA.
Fuseholder Body
Conductor
Compression Spring
Fuseholder Cap
1.45mm
1.45mm
COMPRESSION SPRING:
15±0.2mm
Ø0.6±0.02mm
O.D. Ø5.1±0.1mm
I.D. Ø3.9±0.1mm
Compatible Fuses
2AG or 5×20mm
Electrical
Maximum current ratings are 5 amperes
at 350V for the 2AG size fuses and 10
amperes at 350V for the 5 × 20mm size
fuses.**
Body
Black Nylon, UL94 V-0
Terminals
Brass
Wire
16 Awg size; Nominal o.d. 0.104”; color Red
Lead Pull Test
Will withstand 10 lb. pull.
Ambient Temperature
–40ºC to +80ºC*
Product Characteristics
Notes:
* Refer to Fuseology for information on proper fuseholder re-rating.
** If use above 32V, power must be turn off when changing the fuse.
Ordering Information
Ordering Number
Packaging
01500274Z
Bulk Pack (100 Pcs)
01500274LXN
Bulk Pack (50 Pcs)
*01500274ZXU
Bulk Pack (5000 Pcs)
Agency Approval
Agency
Agency File Number
E14721
Notes:
* For unassembled Fuseholder, UL Recognition does not apply and is not supplied with wires.
** Images are illustrative
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse products are
not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at: www.littelfuse.com/disclaimer-electronics.
Warning: Electrical Shock. Power must be disconnected prior to handling fuse.
Resources
Accessories
Samples
Additional Information


Similar Part No. - 01500274Z

ManufacturerPart #DatasheetDescription
logo
Littelfuse
01500274Z LITTELFUSE-01500274Z Datasheet
164Kb / 1P
For Low Voltage 3AG or SFE Fuse Applications
01500274Z-ND LITTELFUSE-01500274Z-ND Datasheet
164Kb / 1P
For Low Voltage 3AG or SFE Fuse Applications
More results

Similar Description - 01500274Z

ManufacturerPart #DatasheetDescription
logo
Littelfuse
281 LITTELFUSE-281 Datasheet
181Kb / 1P
Fuseholders - For MicroTM Fuse or Pico II Fuses
282 LITTELFUSE-282 Datasheet
90Kb / 1P
Fuseholders - For MicroTM Fuse Plug-In Fuses
286 LITTELFUSE-286 Datasheet
114Kb / 1P
Fuseholders - For 3AG, 5 x 20mm, or 2AG Fuses
340 LITTELFUSE-340 Datasheet
53Kb / 1P
Fuseholders - For 3AG Fuses
342 LITTELFUSE-342 Datasheet
104Kb / 1P
Fuseholders - For 3AG Fuses
571072 LITTELFUSE-571072 Datasheet
138Kb / 1P
Fuseholders - For 3AG, 5 x 20mm, or 2AG Fuses
logo
Cooper Bussmann, Inc.
HLS-06 COOPER-HLS-06 Datasheet
128Kb / 1P
Fuseholders for Indicating Fuses
HLS-10 COOPER-HLS-10 Datasheet
128Kb / 1P
Fuseholders for Indicating Fuses
GMT COOPER-GMT Datasheet
128Kb / 1P
Fuseholders for Indicating Fuses
logo
Littelfuse
86000001009 LITTELFUSE-86000001009 Datasheet
536Kb / 2P
860/862 Series Enclosed Fuseholders for 5횞20mm and 6.2x32mm Fuses
Revised: 05/17/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com