Electronic Components Datasheet Search
  English  ▼

X  

SA305 Datasheet(PDF) 2 Page - Cirrus Logic

Part # SA305
Description  PULSE WIDTH MODULATION AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

SA305 Datasheet(HTML) 2 Page - Cirrus Logic

  SA305 Datasheet HTML 1Page - Cirrus Logic SA305 Datasheet HTML 2Page - Cirrus Logic SA305 Datasheet HTML 3Page - Cirrus Logic SA305 Datasheet HTML 4Page - Cirrus Logic SA305 Datasheet HTML 5Page - Cirrus Logic SA305 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
PR
EL
IM
IN
AR
Y
PIN DESCRIPTIONS
Pin # Pin name
Description
10,21 Vs/VPWR
High voltage supply (12V-60V)
17
Vdd
Logic supply (5V)
22
OutA
Half bridge output
13
OutB
Half bridge output
2
OutC
Half bridge output
1,23
PGND
Power ground, high current ground return path of the bridge outputs
11
SGND
Analog and logic circuits ground
19
DISABLE
Disable logic Input, CMOS. When high disables all six output MOSFETs independent of the Control regis-
ters.
18
Warning
Output pin goes high at Tj > 135°C.
8
FAULT
The Fault output is raised under the following conditions:
a) Short-Circuit and Over Current condition.
b) High Temperature condition.
c) High Voltage Supply Vs < 12V.
This can be used as an interrupt to the microcontroller. It will be reset after status data has been read by
the microcontroller. A FAULT will also disable the outputs of the device.
16
PWM_HA
goes high in order to indicate the Pchannel of output A is to be turned on.
15
PWM_LA
goes high in order to indicate the Nchannel of output A is to be turned on.
12
PWM_HB
goes high in order to indicate the Pchannel of output B is to be turned on.
14
PWM_LB
goes high in order to indicate the Nchannel of output B is to be turned on.
7
PWM_HC
goes high in order to indicate the Pchannel of output C is to be turned on.
5
PWM_LC
goes high in order to indicate the Nchannel of output C is to be turned on.
20
IMON_A
Current monitor output, approximate current 1/4000 of Phase A current
3
IMON_B
Current monitor output, approximate current 1/3600 of Phase B current
4
IMON_C
Current monitor output, approximate current 1/3700 of Phase C current
9
OFF
Disables all Fault Mechanisms when pulled HIGH
All inputs are CMOS levels. Inputs can accept CMOS levels as low as 3.3 volts
PIN
DESCRIPTIONS
SA305



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com