Electronic Components Datasheet Search
  English  ▼

X  

354501 Datasheet(PDF) 21 Page - Littelfuse

Part # 354501
Description  POWR-BLOK??Modules
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

354501 Datasheet(HTML) 21 Page - Littelfuse

Back Button 354501 Datasheet HTML 16Page - Littelfuse 354501 Datasheet HTML 17Page - Littelfuse 354501 Datasheet HTML 18Page - Littelfuse 354501 Datasheet HTML 19Page - Littelfuse 354501 Datasheet HTML 20Page - Littelfuse 354501 Datasheet HTML 21Page - Littelfuse 354501 Datasheet HTML 22Page - Littelfuse 354501 Datasheet HTML 23Page - Littelfuse 354501 Datasheet HTML 24Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
20
© 2012 Littelfuse • Transportation Products Catalog Excerpt
www.littelfuse.com
Power Distribution Centers
TERMINAL TYPE 6
TERMINAL TYPE 7
Ratings
Part Number
Description
Wire Diam.
Material
913-772 (Reeled per 2500 pcs)
Female
0.5-0.8 mm²/18-20AWG
Tin plated brass
0913772001 (Single per 250 pcs)
0.5-0.8 mm²/18-20AWG
913-773 (Reeled per 2500 pcs)
Female
1.33-2.09 mm²/14-16AWG
Tin plated brass
0913773001 (Single per 250 pcs)
1.33-2.09 mm²/14-16AWG
913-774 (Reeled 2000 pcs)
Female
3.32-5.37 mm²/10-12AWG
Tin plated brass
0913774001 (Single per 250 pcs)
3.32-5.37 mm²/10-12AWG
Ratings
Part Number
Description
Wire Diam.
Material
09130075Z (Per 20 pcs)
Bus bar 2 position
5.0-8.0 mm²/8-10AWG
Copper
09130076Z (Per 20 pcs)
Bus bar 4 position
5.0-8.0 mm²/8-10AWG
Copper
09130077Z (Per 20 pcs)
Bus bar 7 position
5.0-8.0 mm²/8-10AWG
Copper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com