Electronic Components Datasheet Search
  English  ▼

X  

1LFS Datasheet(PDF) 1 Page - Littelfuse

Part # 1LFS
Description  1LFS SERIES HIGH-SPEED FUSE BLOCKS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1LFS Datasheet(HTML) 1 Page - Littelfuse

  1LFS_V01 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
littelfuse.com
© 2019 Littelfuse POWR-GARD® Products
Rev: 013019
POWR-GARD® Blocks and Holders Datasheet
1 of 1
Specifications
Voltage Rating
600 V
Ampere Rating
1 – 400 A
Approvals
UL Recognized E14721
Material
Base: 150 ˚C general purpose phenolic
Terminal: Tin plated aluminum
Flammability Rating UL94 V-0
Web Resources
Download CAD drawings and other technical information:
littelfuse.com/1lfs
Dimensions Inches (mm)
1LFS SERIES HIGH-SPEED FUSE BLOCKS
600 V • 1-400 A
Description
Littelfuse modular style semiconductor fuse blocks
accommodate a wide range of semiconductor fuses.
Blocks are provided in pairs with fuse mounting hardware.
Features/Benefits
• Modular design reduces inventory requirements
• Sold in pairs for convenience
• Constructed of general purpose phenolic (with tin plated
aluminum terminations)
Ordering Information
CATALOG
NUMBER
AMPERE
RATING
WIRE RANGE
WIRE
RATING
APPROVALS
1LFS101
100 A
#2/0 - 14 CU/AL
120 in-lbs
UL Recognized
1LFS102
400 A
250MCM - #6 CU/AL
275 in-lbs
UL Recognized
1LFS101
1LFS102
FUSE SERIES
AMPERE RATINGS
L15S
70-100
L25S
35-100
L50S
35-100
L60S
35-100
KLC
1-100
L50QS
35-100
1LFS101
FUSE SERIES
AMPERE RATINGS
L15S
70-400
L25S
70-200
L50S
125-200
L60S
125-200
L50QS
125-200
JLLS
110-200
1LFS102
Recommended Fuses
Disclaimer Notice – Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse
products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at www.littelfuse.com/product-disclaimer.


Similar Part No. - 1LFS_V01

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1LFS101 LITTELFUSE-1LFS101 Datasheet
117Kb / 1P
1LFS SERIES HIGH-SPEED FUSE BLOCKS
1LFS102 LITTELFUSE-1LFS102 Datasheet
117Kb / 1P
1LFS SERIES HIGH-SPEED FUSE BLOCKS
More results

Similar Description - 1LFS_V01

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1LS101 LITTELFUSE-1LS101 Datasheet
497Kb / 3P
Semiconductor Fuse Blocks
02980900Z LITTELFUSE-02980900Z Datasheet
57Kb / 1P
FUSE BLOCKS
03500418Z LITTELFUSE-03500418Z Datasheet
57Kb / 1P
FUSE BLOCKS
logo
Cooper Bussmann, Inc.
BG3011SQ COOPER-BG3011SQ Datasheet
258Kb / 3P
Open fuse blocks
C5268-1 COOPER-C5268-1 Datasheet
55Kb / 1P
Fuse Bases (Blocks)
170H3003 COOPER-170H3003 Datasheet
59Kb / 1P
Fuse Bases (Blocks)
logo
Littelfuse
1LFS LITTELFUSE-1LFS Datasheet
117Kb / 1P
1LFS SERIES HIGH-SPEED FUSE BLOCKS
logo
Eaton All Rights Reserv...
S-8000 EATON-S-8000 Datasheet
259Kb / 2P
Fuse blocks
logo
Littelfuse
LSCR102 LITTELFUSE-LSCR102 Datasheet
334Kb / 3P
LSCR SERIES HIGH-SPEED FUSE BLOCKS
Rev: 100621
L50S LITTELFUSE-L50S Datasheet
696Kb / 7P
L50S SERIES HIGH-SPEED FUSE
Rev: 082615
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com