Electronic Components Datasheet Search
  English  ▼

X  

LFPSC Datasheet(PDF) 1 Page - Littelfuse

Part # LFPSC
Description  LFPSC DEAD-FRONT FUSE HOLDERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LFPSC Datasheet(HTML) 1 Page - Littelfuse

  LFPSC Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Littelfuse.com/lfpsc
© 2022 Littelfuse, Inc.
Rev: 032922
1 of 1
POWR-GARD® Blocks & Holders
LFPSC DEAD-FRONT FUSE HOLDERS
600 V • 10 x 38 mm • Class CC
Disclaimer Notice – Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for
their own applications. Littelfuse products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at www.littelfuse.com/product-disclaimer.
Description
Littelfuse LFPSC Class CC 10 x 38 mm dead-front holders
feature optional LED indication, DIN rail mounts and a small
space saving design. These high SCCR rated holders provide
optimum touch-safe protection to personnel and have a large
clamping range with dual wire rated terminals.
Features

Indicating and non-indicating options available

IP20 degree of protection

Dual LED indication distinguishes polarity in DC
applications

Small compact design offers ultimate flexibility

35 mm DIN-rail mountable

1-, 2-, 3- and 4-pole configurations

Easy installation and fuse removal with no additional
pullers or tools required
Web Resources
Download technical documents at:
Littelfuse.com/lfpsc
Recommended Fuses
CCMR, KLDR, KLKR
Terminal Information
TERMINAL
TYPE
WIRE
TYPE
NUMBER
OF WIRES
WIRE SIZE
TORQUE
Pressure
Plate
1
18-8 AWG
(.75-25 mm2)
18-22 lb-in
(2-2.5 N-m)
1
6-4 AWG
22-26 lb-in
2†
18-6 AWG
(.75-10 mm2)
18-22 lb-in
(2-2.5 N-m)
†
Must be the same cross-sectioned size
Specifications
Voltage Rating
600 V ac/dc
Ampere Rating
30 A
SCCR Rating
200 kA
Power Acceptance
4W Maximum
Indication Voltage Range
110–600 V ac/dc
Terminal Type
Pressure Plate
Material
Thermoplastic
Flammability Rating
UL94 V-0, self-extinguishing
Approvals
UL Listed (File: E14721)
CSA Certified
Environmental
RoHS compliant, Lead (Pb) free
Dimensions mm (inches)
83.20
(3.28)
62.82
(2.47)
71.20
(2.803)
35.60
(1.402)
17.80
(0.701)
53.40
(2.102)
Connector Pincer
Handle Pin
Multi-Pole Assembly Kits
ASSEMBLY
SETS
ORDERING
NUMBER
2
30
10
10 pack
LFPHV2PAK
3
60
20
10 pack
LFPHV3PAK
Ordering Information
VOLTAGE
AMPERE
SCCR
Rating
FUSE TYPE
SERIES
NON-INDICATING
INDICATING
PACK
QUANTITY
UL
UL
CATALOG NUM.
ORDERING NUM.
CATALOG NUM.
ORDERING NUM.
600
V ac/dc
30 A
200 kA
1
Class CC
LFPSC
LFPSC001
LFPSC0001Z
LFPSC001ID
LFPSC0001ZXID
12
2
LFPSC
LFPSC002
LFPSC0002Z
LFPSC002ID
LFPSC0002ZXID
6
3
LFPSC
LFPSC003
LFPSC0003Z
LFPSC003ID
LFPSC0003ZXID
4
4
LFPSC
LFPSC004
LFPSC0004Z
LFPSC004ID
LFPSC0004ZXID
3


Similar Part No. - LFPSC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFPSC0001Z LITTELFUSE-LFPSC0001Z Datasheet
305Kb / 3P
LFPSC Series
12/13/2022
LFPSC0001ZXID LITTELFUSE-LFPSC0001ZXID Datasheet
305Kb / 3P
LFPSC Series
12/13/2022
LFPSC0002Z LITTELFUSE-LFPSC0002Z Datasheet
305Kb / 3P
LFPSC Series
12/13/2022
LFPSC0002ZXID LITTELFUSE-LFPSC0002ZXID Datasheet
305Kb / 3P
LFPSC Series
12/13/2022
LFPSC0003Z LITTELFUSE-LFPSC0003Z Datasheet
305Kb / 3P
LFPSC Series
12/13/2022
More results

Similar Description - LFPSC

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HBH-I COOPER-HBH-I Datasheet
258Kb / 2P
Fuse Holders
logo
Littelfuse
LFPHV001 LITTELFUSE-LFPHV001 Datasheet
497Kb / 1P
lFphv Dead-Front 10x38mm (Midget) fuse holders
04980910ZXT LITTELFUSE-04980910ZXT Datasheet
175Kb / 1P
Fuse Holders
178.6116.2501 LITTELFUSE-178.6116.2501 Datasheet
236Kb / 1P
Fuse Holders
LFPHV LITTELFUSE-LFPHV Datasheet
487Kb / 1P
lFphv Dead-Front 10x38mm (Midget) fuse holders
LFPSJ LITTELFUSE-LFPSJ Datasheet
439Kb / 1P
LFPSJ Powr-safe Dead front Class j fuse hold ers
logo
List of Unclassifed Man...
441-R347A-GR ETC2-441-R347A-GR Datasheet
76Kb / 2P
Blade Fuse Holders
441-R359A-GR ETC2-441-R359A-GR Datasheet
85Kb / 2P
Fuse Holders
441-R360A-GR ETC2-441-R360A-GR Datasheet
199Kb / 2P
In-Line Fuse Holders
logo
Littelfuse
LFPSJ LITTELFUSE-LFPSJ_V01 Datasheet
235Kb / 1P
LFPSJ POWR-SAFE DEAD FRONT CLASS J FUSE HOLDERS
Rev: 100719
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com